Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 202Page - Renesas Technology Corp R8C/17 Datasheet HTML 203Page - Renesas Technology Corp R8C/17 Datasheet HTML 204Page - Renesas Technology Corp R8C/17 Datasheet HTML 205Page - Renesas Technology Corp R8C/17 Datasheet HTML 206Page - Renesas Technology Corp R8C/17 Datasheet HTML 207Page - Renesas Technology Corp R8C/17 Datasheet HTML 208Page - Renesas Technology Corp R8C/17 Datasheet HTML 209Page - Renesas Technology Corp R8C/17 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 279 page
background image
R8C/16 Group, R8C/17 Group
17. Programmable I/O Ports
Rev.2.10
Jan 19, 2006
Page 193 of 254
REJ09B0169-0210
17.5
Unassigned Pin Handling
Table 17.18 lists the Unassigned Pin Handling. Figure 17.9 show the Unassigned Pin Handling.
NOTES:
1. When setting these ports to output mode and leaving them open, they remain input mode until they
are switched to output mode by a program. The voltage level of these pins may be indeterminate
and the power current may increase while the ports remain input mode.
The content of the direction registers may change due to noise or out of control caused by noise. In
order to enhance program reliability, set the direction registers periodically by a program.
2. Connect these unassigned pins to the microcomputer using the shortest wire length (within 2 cm)
as possible.
3. When power-on reset function is used.
Figure 17.9
Unassigned Pin Handling
Table 17.18
Unassigned Pin Handling
Pin Name
Connection
Ports P1, P3_3 to P3_5,
P3_7, P4_5
• After setting to input mode, connect every pin to VSS via a resistor (pull-
down) or connect every pin to VCC via a resistor (pull-up).(2)
• After setting to output mode, leave these pins open.(1, 2)
Ports P4_6, P4_7
Connect to VCC via a resistor (pull-up)(2)
AVCC, VREF
Connect to VCC
RESET (3)
Connect to VCC via a resistor (pull-up)(2)
NOTES:
1. When power-on reset function is used.
Microcomputer
Port P1, P3_3 to P3_5,
P3_7, P4_5
(Input mode)
:
:
(Input mode)
(Output mode)
Port P4_6, P4_7
RESET(1)
AVCC/VREF
:
:
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com