Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 205Page - Renesas Technology Corp R8C/17 Datasheet HTML 206Page - Renesas Technology Corp R8C/17 Datasheet HTML 207Page - Renesas Technology Corp R8C/17 Datasheet HTML 208Page - Renesas Technology Corp R8C/17 Datasheet HTML 209Page - Renesas Technology Corp R8C/17 Datasheet HTML 210Page - Renesas Technology Corp R8C/17 Datasheet HTML 211Page - Renesas Technology Corp R8C/17 Datasheet HTML 212Page - Renesas Technology Corp R8C/17 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 279 page
background image
R8C/16 Group, R8C/17 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 196 of 254
REJ09B0169-0210
18.2
Memory Map
The flash memory contains a user ROM area and a boot ROM area (reserved area). Figure 18.1 shows
the Flash Memory Block Diagram for R8C/16 Group. Figure 18.2 shows the Flash Memory Block
Diagram for R8C/17 Group.
The user ROM area of the R8C/17 group contains an area (program ROM) which stores a
microcomputer operation program and the 1-Kbyte Block A and B (data flash).
The user ROM area is divided into several blocks. The user ROM area can be rewritten in CPU rewrite
and standard serial I/O and parallel I/O modes.
When rewriting the Block 0 and Block 1 in CPU rewrite mode, set the FMR02 bit in the FMR0 register to
“1” (rewrite enables), and when setting the FMR15 bit in the FMR1 register to “0” (rewrite enables),
Block 0 is rewritable. When setting the FMR16 bit to “0” (rewrite enables), Block 1 is rewritable.
The rewrite control program for standard serial I/O mode is stored in boot ROM area before shipment.
The boot ROM area and the user ROM area share the same address, but have an another memory.
Figure 18.1
Flash Memory Block Diagram for R8C/16 Group
0C000h
0DFFFh
0E000h
0FFFFh
Boot ROM Area
(Reserved Area)(2)
0E000h
0FFFFh
NOTES:
1. When setting the FMR02 bit in the FMR0 register to “1” (enables to rewrite) and the FMR15 bit in the FMR1 register to “0” (enable to rewrite),
Block 0 is rewritable. When setting the FMR16 bit to “0” (enables to rewrite), Block 1 is rewritable (only for CPU rewrite mode).
2.
This area is to store the boot program provided by Renesas Technology.
0D000h
0DFFFh
0E000h
0FFFFh
0E000h
0FFFFh
12 Kbytes ROM Product
8 Kbytes ROM Product
16 Kbytes ROM Product
Block 1 : 8 Kbytes(1)
Block 0 : 8 Kbytes(1)
8 Kbytes
Block 1 : 4 Kbytes(1)
Block 0 : 8 Kbytes(1)
Block 0 : 8 Kbytes(1)
User ROM Area
User ROM Area
User ROM Area
Program ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com