Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 208Page - Renesas Technology Corp R8C/17 Datasheet HTML 209Page - Renesas Technology Corp R8C/17 Datasheet HTML 210Page - Renesas Technology Corp R8C/17 Datasheet HTML 211Page - Renesas Technology Corp R8C/17 Datasheet HTML 212Page - Renesas Technology Corp R8C/17 Datasheet HTML 213Page - Renesas Technology Corp R8C/17 Datasheet HTML 214Page - Renesas Technology Corp R8C/17 Datasheet HTML 215Page - Renesas Technology Corp R8C/17 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 279 page
background image
R8C/16 Group, R8C/17 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 199 of 254
REJ09B0169-0210
18.3.2
ROM Code Protect Function
The ROM code protect function disables to read and change the internal flash memory by the OFS
register in parallel I/O mode. Figure 18.4 shows the OFS Register.
The ROM code protect function is enabled by writing “0” to the ROMCP1 bit and “1” to the ROMCR bit
and disables to read and change the internal flash memory. Once the ROM code protect is enabled,
the content in the internal flash memory cannot be rewritten in parallel I/O mode. To disable ROM
code protect, erase the block including the OFS register with CPU rewrite mode or standard serial I/O
mode.
Figure 18.4
OFS Register
Option Function Select Register
(1)
Symbol
Address
Before Shipment
OFS
0FFFFh
FFh(2)
Bit Symbol
Bit Name
Function
RW
Reserved Bit
NOTES :
1.
2. If the block including the OFS register is erased, “FFh” is set to the OFS register.
The OFS register is on the flash memory. Write to the OFS register w ith a program.
CSPROINI
Count Source Protect
Mode After Reset Select
Bit
0 : Count source protect mode after reset enabled
1 : Count source protect mode after reset disabled
RW
—
(b6-b4)
Reserved Bit
Set to “1”
RW
ROMCP1
ROM Code Protect Bit
0 : ROM code protect enabled
1 : ROM code protect disabled
RW
ROMCR
ROM Code Protect
Disabled Bit
0 : ROM code protect disabled
1 : ROMCP1enabled
RW
—
(b1)
Set to “1”
RW
WDTON
Watchdog Timer Start
Select Bit
0 : Starts w atchdog timer automatically after reset
1 : Watchdog timer is inactive after reset
RW
1
111
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com