Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 207Page - Renesas Technology Corp R8C/17 Datasheet HTML 208Page - Renesas Technology Corp R8C/17 Datasheet HTML 209Page - Renesas Technology Corp R8C/17 Datasheet HTML 210Page - Renesas Technology Corp R8C/17 Datasheet HTML 211Page - Renesas Technology Corp R8C/17 Datasheet HTML 212Page - Renesas Technology Corp R8C/17 Datasheet HTML 213Page - Renesas Technology Corp R8C/17 Datasheet HTML 214Page - Renesas Technology Corp R8C/17 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 279 page
background image
R8C/16 Group, R8C/17 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 198 of 254
REJ09B0169-0210
18.3
Functions To Prevent Flash Memory from Rewriting
Standard serial I/O mode contains an ID code check function, and the parallel I/O mode contains a ROM
code protect function to prevent the flash memory from reading or rewriting easily.
18.3.1
ID Code Check Function
Use this function in standard serial I/O mode. Unless the flash memory is blank, the ID codes sent
from the programmer and the ID codes written in the flash memory are determined whether they
match. If the ID codes do not match, the commands sent from the programmer are not
acknowledged. The ID code consists of 8-bit data, the areas of which, beginning with the first byte,
are 00FFDFh, 00FFE3h, 00FFEBh, 00FFEFh, 00FFF3h, 00FFF7h, and 00FFFBh. Write a program in
which the ID codes are set at these addresses and write it in the flash memory.
Figure 18.3
Address for ID Code Stored
4bytes
Address
00FFDFh to 00FFDCh
Undefined Instruction Vector
NOTES:
1. The OFS register is assigned to 00FFFFh.
Refer to Figure12.2 OFS, WDC, WDTR and WDTS
registers
for the OFS register details.
Overflow Vector
00FFE3h to 00FFE0h
00FFE7h to 00FFE4h
BRK Instruction Vector
Address Match Vector
00FFEBh to 00FFE8h
00FFEFh to 00FFECh
Oscillation Stop Detection/Watchdog
Timer/Voltage Monitor 2 Vector
00FFF3h to 00FFF0h
00FFF7h to 00FFF4h
Address Break
00FFFBh to 00FFF8h
Reset Vector
00FFFFh to 00FFFCh
(Reserved)
ID1
ID2
ID3
ID4
ID5
ID6
ID7
(Note 1)
Single Step Vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com