Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 222Page - Renesas Technology Corp R8C/17 Datasheet HTML 223Page - Renesas Technology Corp R8C/17 Datasheet HTML 224Page - Renesas Technology Corp R8C/17 Datasheet HTML 225Page - Renesas Technology Corp R8C/17 Datasheet HTML 226Page - Renesas Technology Corp R8C/17 Datasheet HTML 227Page - Renesas Technology Corp R8C/17 Datasheet HTML 228Page - Renesas Technology Corp R8C/17 Datasheet HTML 229Page - Renesas Technology Corp R8C/17 Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 279 page
background image
R8C/16 Group, R8C/17 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 213 of 254
REJ09B0169-0210
18.4.5
Full Status Check
When an error occurs, the FMR06 to FMR07 bits in the FMR0 register are set to “1”, indicating
occurrence of each specific error. Therefore, Checking these status bits (full status check) can
determine the executed result.
Table 18.6 lists the Errors and FMR0 Register Status. Figure 18.14 shows the Full Status Check and
Handling Procedure for Each Error.
NOTES:
1. The microcomputer enters read array mode by writing “FFh” in the second bus cycle of these
commands, at the same time the command code written in the first bus cycle will disabled.
Table 18.6
Errors and FMR0 Register Status
FRM00 Register (Status
Register) Status
Error
Error Occurrence Condition
FMR07(SR5) FMR06(SR4)
1
1
Command
Sequence
Error
• When any command is not written correctly
• When invalid data other than those that can be written in
the second bus cycle of the block erase command is
written (i.e., other than “D0h” or “FFh”)(1)
• When executing the program command or block erase
command while rewriting is disabled using the FMR02
bit in the FMR0 register, the FMR15 or FMR16 bit in the
FMR1 register.
• When inputting and erasing the address in which the
Flash memory is not allocated during the erase
command input
• When executing to erase the block which disables
rewriting during the erase command input.
• When inputting and writing the address in which the
Flash memory is not allocated during the write command
input.
• When executing to write the block which disables
rewriting during the write command input.
1
0
Erase Error
• When the block erase command is executed but not
automatically erased correctly
0
1
Program Error • When the program command is executed but not
automatically programmed correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com