Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 225Page - Renesas Technology Corp R8C/17 Datasheet HTML 226Page - Renesas Technology Corp R8C/17 Datasheet HTML 227Page - Renesas Technology Corp R8C/17 Datasheet HTML 228Page - Renesas Technology Corp R8C/17 Datasheet HTML 229Page - Renesas Technology Corp R8C/17 Datasheet HTML 230Page - Renesas Technology Corp R8C/17 Datasheet HTML 231Page - Renesas Technology Corp R8C/17 Datasheet HTML 232Page - Renesas Technology Corp R8C/17 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 279 page
background image
R8C/16 Group, R8C/17 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 216 of 254
REJ09B0169-0210
Table 18.8
Pin Functions (Flash Memory Standard Serial I/O Mode 3)
Pin
Name
I/O
Description
VCC,VSS
Power input
Apply the voltage guaranteed for program and erase to
VCC pin and 0V to VSS pin.
RESET
Reset input
I
Reset input pin.
P4_6/XIN
P4_6 input/clock input
I
Connect ceramic resonator or crystal oscillator
between XIN and XOUT pins when connecting external
oscillator. Apply “H” and “L” or leave the pin open when
using as input port
P4_7/XOUT
P4_7 input/clock output
I/O
AVCC, AVSS
Analog power supply input I
Connect AVSS to VSS and AVCC to VCC, respectively.
VREF
Reference voltage input
I
Reference voltage input pin to A/D converter.
P1_0 to P1_7
Input port P1
I
Input “H” or “L” level signal or leave the pin open.
P3_3 to P3_5,
P3_7
Input port P3
I
Input “H” or “L” level signal or leave the pin open.
P4_5
Input port P4
I
Input “H” or “L” level signal or leave the pin open.
MODE
MODE
I/O Serial data I/O pin. Connect to the flash programmer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com