Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 135Page - Renesas Technology Corp R8C/16 Datasheet HTML 136Page - Renesas Technology Corp R8C/16 Datasheet HTML 137Page - Renesas Technology Corp R8C/16 Datasheet HTML 138Page - Renesas Technology Corp R8C/16 Datasheet HTML 139Page - Renesas Technology Corp R8C/16 Datasheet HTML 140Page - Renesas Technology Corp R8C/16 Datasheet HTML 141Page - Renesas Technology Corp R8C/16 Datasheet HTML 142Page - Renesas Technology Corp R8C/16 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 279 page
background image
R8C/16 Group, R8C/17 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 126 of 254
REJ09B0169-0210
Figure 14.2
UART0 Transmit/Receive Unit
RXD0
1SP
2SP
SP
SP
PAR
PRYE=0
PAR
Disabled
PAR
Enabled
PRYE=1
UART
UART (9 bits)
D7
D6
D5
D4
D3
D2
D1
D0
UART0 Receive Register
U0RB Register
0
000
000
D8
MSB/LSB Conversion Circuit
Data Bus High-Order Bits
Data Bus Low-Order Bits
D7
D6
D5
D4
D3
D2
D1
D0 U0TB Register
D8
TXD0
1SP
2SP
SP
SP
PAR
UART0 Transmit Register
"0"
SP: Stop Bit
PAR: Parity Bit
UART (7 bits)
UART (8 bits)
Clock
Synchronous
Type
Clock
Synchronous
Type
UART (7 bits)
Clock
synchronous
Type
UART (7 bits)
Clock
Synchronous
Type
UART (8 bits)
UART (9 bits)
UART (7 bits)
UART (8 bits)
Clock
Synchronous
Type
UART (9 bits)
UART
PRYE=1
PAR
Enabled
PAR
Disabled
PRYE=0
Clock
Synchronous
Type
MSB/LSB Conversion Circuit
UART (8 bits)
UART (9 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com