Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 139Page - Renesas Technology Corp R8C/16 Datasheet HTML 140Page - Renesas Technology Corp R8C/16 Datasheet HTML 141Page - Renesas Technology Corp R8C/16 Datasheet HTML 142Page - Renesas Technology Corp R8C/16 Datasheet HTML 143Page - Renesas Technology Corp R8C/16 Datasheet HTML 144Page - Renesas Technology Corp R8C/16 Datasheet HTML 145Page - Renesas Technology Corp R8C/16 Datasheet HTML 146Page - Renesas Technology Corp R8C/16 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 279 page
background image
R8C/16 Group, R8C/17 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 130 of 254
REJ09B0169-0210
14.1
Clock Synchronous Serial I/O Mode
The clock synchronous serial I/O mode is mode to transmit and receive data using a transfer clock. Table
14.1 lists the Specification of Clock Synchronous Serial I/O Mode. Table 14.2 lists the Registers to Be
Used and Settings in Clock Synchronous serial I/O Mode.
NOTES:
1. When an external clock is selected, meet the conditions while the CKPOL bit in the U0C0 register is
set to “0” (transmit data output at the falling edge and the receive data input at the rising edge of the
transfer clock), the external clock is held “H”; if the CKPOL bit in the U0C0 register is set to “1”
(transmit data output at the rising edge and the receive data input at the falling edge of the transfer
clock), the external clock is held “L”.
2. If an overrun error occurs, the value of the U0RB register will be indeterminate. The IR bit in the
S0RIC register remains unchanged.
Table 14.1
Specification of Clock Synchronous Serial I/O Mode
Item
Specification
Transfer Data Format
• Transfer data length: 8 bits
Transfer Clock
• The CKDIR bit in the U0MR register is set to “0” (internal clock): fi/(2(n+1))
fi=f1, f8, f32 n=setting value in U0BRG register: 00h to FFh
• The CKDIR bit is set to “1” (external clock): input from the CLK0 pin
Transmit Start Condition
• Before transmit starts, the following requirements are required(1)
- The TE bit in the U0C1 register is set to “1” (transmit enabled)
- The TI bit in the U0C1 register is set to “0” (data in the U0TB register)
Receive Start Condition
• Before receive starts, the following requirements are required(1)
- The RE bit in the U0C1 register is set to “1” (receive enabled)
- The TE bit in the U0C1 register is set to “1” (transmit enabled)
- The TI bit in the U0C1 register is set to “0” (data in the U0TB register)
Interrupt Request
Generation Timing
• When transmit, one of the following conditions can be selected
- The U0IRS bit is set to “0” (transmit buffer empty):
when transferring data from the U0TB register to UART0 transmit register
(when transmit starts)
- The U0IRS bit is set to “1” (transmit completes):
when completing transmit data from UARTi transmit register
• When receive
When transferring data from the UART0 receive register to the U0RB
register (when receive completes)
Error Detection
• Overrun error(2)
This error occurs if serial interface starts receiving the following data before
reading the U0RB register and receives the 7th bit of the following data
Select Function
• CLK polarity selection
Transfer data input/output can be selected to occur synchronously with the
rising or the falling edge of the transfer clock
• LSB first, MSB first selection
Whether transmitting or receiving data beginning with the bit 0 or beginning
with the bit 7 can be selected
• Continuous receive mode selection
Receive is enabled immediately by reading the U0RB register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com