Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 138Page - Renesas Technology Corp R8C/16 Datasheet HTML 139Page - Renesas Technology Corp R8C/16 Datasheet HTML 140Page - Renesas Technology Corp R8C/16 Datasheet HTML 141Page - Renesas Technology Corp R8C/16 Datasheet HTML 142Page - Renesas Technology Corp R8C/16 Datasheet HTML 143Page - Renesas Technology Corp R8C/16 Datasheet HTML 144Page - Renesas Technology Corp R8C/16 Datasheet HTML 145Page - Renesas Technology Corp R8C/16 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 279 page
background image
R8C/16 Group, R8C/17 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 129 of 254
REJ09B0169-0210
Figure 14.5
U0C1 and UCON Registers
UART0 Transmit / Receive Control Register 1
Symbol
Address
After Reset
U0C1
00A5h
02h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
RO
RW
RI
Receive Complete Flag(1)
The RI bit is set to “0” w hen the higher byte of the U0RB register is read out.
RW
TI
RO
0 : Data in U0TB register
1 : No data in U0TB register
TE
RE
—
(b7-b4)
—
Receive Enable Bit
b7 b6 b5 b4
b0
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
Transmit Enable Bit
0 : Disables transmit
1 : Enables transmit
Transmit Buffer Empty Flag
0 : Disables receive
1 : Enables receive
0 : No data in U0RB register
1 : Data in U0RB register
b3 b2 b1
UART Transmit / Receive Control Register 2
Symbol
Address
After Reset
UCON
00B0h
00h
Bit Symbol
Bit Name
Function
RW
0 : P1_5/RXD0
P1_7/CNTR00/INT10
_______
1 : P1_5/RXD0/CNTR01/INT11
______
P1_7
NOTES :
1.
b3 b2
—
(b6-b3)
b1 b0
0
U0RRM
RW
—
(b1)
RW
UART0 Continuous Receive
Mode Enable Bit
0 : Disables continuous receive mode
1 : Enables continuous receive mode
Reserved Bit
Set to “0”
00
RW
0
U0IRS
0
UART0 Transmit Interrupt
Cause Select Bit
0 : Transmit buffer empty (TI=1)
1 : Transmit completed (TXEPT=1)
b7 b6 b5 b4
The CNTRSEL bit selects the input pin of CNTR0 (INTI
_____
) signal.
When the CNTR0 signal is output, it is output from the CNTR00 pin despite the CNTRSEL bit setting.
Reserved Bit
Set to “0”
CNTR0 Signal Pin Select Bit(1)
RW
RW
CNTRSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com