Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 142Page - Renesas Technology Corp R8C/16 Datasheet HTML 143Page - Renesas Technology Corp R8C/16 Datasheet HTML 144Page - Renesas Technology Corp R8C/16 Datasheet HTML 145Page - Renesas Technology Corp R8C/16 Datasheet HTML 146Page - Renesas Technology Corp R8C/16 Datasheet HTML 147Page - Renesas Technology Corp R8C/16 Datasheet HTML 148Page - Renesas Technology Corp R8C/16 Datasheet HTML 149Page - Renesas Technology Corp R8C/16 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 279 page
background image
R8C/16 Group, R8C/17 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 133 of 254
REJ09B0169-0210
14.1.1
Polarity Select Function
Figure 14.7 shows the Transfer Clock Polarity. Use the CKPOL bit in the U0C0 register to select the
transfer clock polarity.
Figure 14.7
Transfer Clock Polarity
14.1.2
LSB First/MSB First Select Function
Figure 14.8 shows the Transfer Format. Use the UFORM bit in the U0C0 register to select the
transfer format.
Figure 14.8
Transfer Format
CLK0(1)
D0
TXD0
• When the CKPOL bit in the U0C0 register = 0 (output transmit data at the falling
edge and input the receive data at the rising edge of the transfer clock)
D1
D2
NOTES :
1. When not transferring, the CLK0 pin level is “H”.
2. When not transferring, the CLK0 pin level is “L”.
D3
D4
D5
D6
D7
D0
RXD0
D1
D2
D3
D4
D5
D6
D7
CLK0(2)
D0
TXD0
D1
D2
D3
D4
D5
D6
D7
D0
RXD0
D1
D2
D3
D4
D5
D6
D7
• When the CKPOL bit in the U0C0 register = 1 (output transmit data at the rising
edge and input the receive data at the falling edge of the transfer clock)
CLK0
D0
TXD0
• When UFORM bit in U0C0 register = 0 (LSB first)(1)
D1
D2
D3
D4
D5
D6
D7
D0
RXD0
D1
D2
D3
D4
D5
D6
D7
CLK0
D7
TXD0
D6
D5
D4
D3
D2
D1
D0
RXD0
• When UFORM bit in U0C0 register = 1 (MSB first)(1)
NOTES :
1. The above applies when the CKPOL bit in the U0C0 register is
set to "0" (output transmit data at the falling edge and input receive
data at the rising edge of the transfer clock).
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com