Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 144Page - Renesas Technology Corp R8C/16 Datasheet HTML 145Page - Renesas Technology Corp R8C/16 Datasheet HTML 146Page - Renesas Technology Corp R8C/16 Datasheet HTML 147Page - Renesas Technology Corp R8C/16 Datasheet HTML 148Page - Renesas Technology Corp R8C/16 Datasheet HTML 149Page - Renesas Technology Corp R8C/16 Datasheet HTML 150Page - Renesas Technology Corp R8C/16 Datasheet HTML 151Page - Renesas Technology Corp R8C/16 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 279 page
background image
R8C/16 Group, R8C/17 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 135 of 254
REJ09B0169-0210
14.2
Clock Asynchronous Serial I/O (UART) Mode
The UART mode allows transmit and receive data after setting the desired bit rate and transfer data
format. Table 14.4 lists the Specification of UART Mode. Table 14.5 lists the Registers to Be Used and
Settings in UART Mode.
NOTES:
1. If an overrun error occurs, the value in the U0RB register will be indeterminate. The IR bit in the
S0RIC register remains unchanged.
Table 14.4
Specification of UART Mode
Item
Specification
Transfer Data Format
• Character bit (transfer data): selectable from 7, 8 or 9 bits
• Start bit: 1 bit
• Parity bit: selectable from odd, even, or none
• Stop bit: selectable from 1 or 2 bits
Transfer Clock
• CKDIR bit in U0MR register is set to “0” (internal clock) : fj/(16(n+1))
fj=f1, f8, f32 n=setting value in U0BRG register: 00h to FFh
• CKDIR bit is set to “1” (external clock) : fEXT/(16(n+1))
fEXT: input from CLK0 pin n=setting value in U0BRG register: 00h to FFh
Transmit Start Condition
• Before transmit starts, the following are required
- TE bit in U0C1 register is set to “1” (transmit enabled)
- TI bit in U0C1 register is set to “0” (data in U0TB register)
Receive Start Condition
• Before receive starts, the following are required
- RE bit in U0C1 register is set to “1” (receive enabled)
- Detects start bit
Interrupt Request
Generation Timing
• When transmitting, one of the following conditions can be selected
- U0IRS bit is set to “0” (transmit buffer empty):
when transferring data from the U0TB register to UART0 transmit
register (when transmit starts)
- U0IRS bit is set to “1” (transfer ends):
when serial interface completes transmitting data from the UART0
transmit register
• When receiving
When transferring data from the UART0 receive register to U0RB register
(when receive ends)
Error Detection
• Overrun error(1)
This error occurs if serial interface starts receiving the following data
before reading the U0RB register and receiving the bit one before the last
stop bit of the following data
• Framing error
This error occurs when the number of stop bits set are not detected
• Parity error
This error occurs when parity is enabled, the number of 1’s in parity and
character bits do not match the number of 1’s set
• Error sum flag
This flag is set is set to “1” when any of the overrun, framing, and parity
errors is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com