Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 147Page - Renesas Technology Corp R8C/16 Datasheet HTML 148Page - Renesas Technology Corp R8C/16 Datasheet HTML 149Page - Renesas Technology Corp R8C/16 Datasheet HTML 150Page - Renesas Technology Corp R8C/16 Datasheet HTML 151Page - Renesas Technology Corp R8C/16 Datasheet HTML 152Page - Renesas Technology Corp R8C/16 Datasheet HTML 153Page - Renesas Technology Corp R8C/16 Datasheet HTML 154Page - Renesas Technology Corp R8C/16 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 279 page
background image
R8C/16 Group, R8C/17 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 138 of 254
REJ09B0169-0210
Figure 14.10
Receive Timing in UART Mode
14.2.1
CNTR0 Pin Select Function
The CNTRSEL bit in the UCON register selects whether P1_7 can be used as the CNTR00/INT10
input pin or P1_5 can be used as the CNTR01/INT11 input pin.
When the CNTRSEL bit is set to “0”, P1_7 is used as the CNTR00/INT10 pin and when the
CNTRSEL bit is set to “1”, P1_5 is used as the CNTR01/INT11 pin.
Output U0BRG
Set to "0" when interrupt request is acknowledged, or set by program
• Receive Timing When Transfer Data is 8-Bit Long (parity disabled, 1 stop bit)
The above timing diagram applies to the following conditions.
• PRYE bit in U0MR register = 0 (parity disabled)
• STPS bit in U0MR register = 0 (1 stop bit)
RE Bit in
U0C1 Register
Start bit
Stop bit
D0
D1
D7
RXD0
Transfer Clock
Sampled "L"
Receive data taken in
Receive starts when transfer clock is
generated by falling edge of start bit
Transfer from UART0 receive
register to U0RB register
RI Bit in
U0C1 Register
RI Bit in
S0RIC Register
"1"
"0"
"1"
"0"
"1"
"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com