Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 149Page - Renesas Technology Corp R8C/16 Datasheet HTML 150Page - Renesas Technology Corp R8C/16 Datasheet HTML 151Page - Renesas Technology Corp R8C/16 Datasheet HTML 152Page - Renesas Technology Corp R8C/16 Datasheet HTML 153Page - Renesas Technology Corp R8C/16 Datasheet HTML 154Page - Renesas Technology Corp R8C/16 Datasheet HTML 155Page - Renesas Technology Corp R8C/16 Datasheet HTML 156Page - Renesas Technology Corp R8C/16 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 140 of 254
REJ09B0169-0210
15. I2C bus Interface (IIC)
The I2C bus interface (IIC) is the circuit which is used for a serial communication based on the data transfer
format of the Philips I2C bus.
Table 15.1 lists a Specification of IIC, Figure 15.1 shows a Block Diagram of IIC and Figure 15.2 shows the
External Circuit Connection Example of SCL and SDA Pins. Figure 15.3 to 15.8 show the registers
associated with the IIC.
* I2C bus is a trademark of Koninklijke Philips Electronics N. V.
NOTES:
1. The interrupt factors can use the only IIC interrupt vector table.
Table 15.1
Specification of IIC
Item
Specification
Communication Format •I2C bus format
- Selectable for master / slave device
- Continuous transmit / receive (Since the shift register, transmit data register
and receive data register are independent)
- Start / stop conditions are automatically generated in master mode
- Automatic loading of acknowledge bit when transmit
- Bit synchronization / wait function (in master mode, the state of the SCL
signal is monitored per bit and the timing is synchronized automatically. If
the transfer is not possible yet, stand by to set the SCL signal to “L”.
- Direct drive of the SCL and SDA pins (NMOS open drain output) is enabled
• Clock Synchronous Serial Format
- Continuous transmit / receive (since the shift register, transmit data register
and receive data register are independent)
I/O Pin
SCL (I/O) : Serial clock I/O pin
SDA (I/O) : Serial data I/O pin
Transfer Clock
• When the MST bit in the ICCR1 register is set to “0”
The external clock (input from the SCL pin)
• When the MST bit in the ICCR1 register is set to “1”
The internal clock selected by the CKS0 to CKS3 bits in the ICCR1 register
(output from the SCL pin)
Receive Error Detection • Detects overrun error (clock synchronous serial format)
An overrun error occurs during receive. When the last bit of the following data
is received while the RDRF bit in the ICSR register is set to “1” (data in the
ICDRR register), the AL bit is set to “1”.
Interrupt Factor
•I2C bus format .................................. 6 types(1)
Transmit data empty (including when slave address matches), transmit ends,
receive data full (including when slave address matches), arbitration lost,
NACK detection and stop condition detection.
• Clock synchronous serial format ...... 4 types(1)
Transmit data empty, transmit ends, receive data full and overrun error
Select Function
•I2C bus format
- Selectable for the output level of the acknowledge signal when receive
• Clock synchronous serial format
- Selectable for the MSB-first or LSB-first to the data transfer direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com