Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 153Page - Renesas Technology Corp R8C/16 Datasheet HTML 154Page - Renesas Technology Corp R8C/16 Datasheet HTML 155Page - Renesas Technology Corp R8C/16 Datasheet HTML 156Page - Renesas Technology Corp R8C/16 Datasheet HTML 157Page - Renesas Technology Corp R8C/16 Datasheet HTML 158Page - Renesas Technology Corp R8C/16 Datasheet HTML 159Page - Renesas Technology Corp R8C/16 Datasheet HTML 160Page - Renesas Technology Corp R8C/16 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 144 of 254
REJ09B0169-0210
Figure 15.4
ICCR2 Register
IIC Bus Control Register 2
(5)
Symbol
Address
Af ter Reset
ICCR2
00B9h
01111101b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
5. Ref er to 20.6.1 Acces s of Registers As sociated w ith IIC for the access of registers associated w ith IIC.
SCP
Start / Stop Condition
Generation Disable Bit
When w rite to BBSY bit, w rite “0” simultaneously(3).
When read, its content is “1”.
Writing “1” is disabled.
RW
When read
0 : Bus is in released state
(SDA signal changes f rom “L” to “H” w hile SCL
signal is in “H” state)
1 : Bus is in occupied state
(SDA signal changes from “H” to “L” w hile SCL
signal is in “H” state)
When w rite(3)
0 : Generates stop condition
1 : Generates start condition
RW
This bit is disabled w hen the clock synchronous serial f ormat is used.
This bit is enabled in master mode. When w rite to the BBSY bit, w rite “0” to the SCP bit using the MOV
instruction simultaneously. Execute the same w ay w hen the start condition is regenerating.
When w riting to the SDAO bit, w rite “0” to the SDAOP bit using the MOV instruction simultaneously.
BBSY
Bus Busy Bit(4)
Do not w rite during transf er operation.
SDAOP
SDAO
RW
When read
0 : SDA pin output is held “L”
1 : SDA pin output is held “H”
When w rite(1,2)
0 : SDA pin output is changed to “L”
1 : SDA pin output is changed to high-impedance
(“H” output is external pull-up resistor)
SDA Output Value
Control Bit
SCL Monitor Flag
0 : SCL pin is set to “L”
1 : SCL pin is set to “H”
SDAO Write Protect Bit
When rew rite to SDAO bit, w rite “0” simultaneously(1).
When read, its content is “1”.
IICRST
RW
RO
RW
—
IIC Control Part Reset Bit When hang-up occurs due to communication f ailure
during I2C bus interf ace operation and w rite “1”, reset
control part of I2C bus interf ace w ithout setting port
and initializing register.
—
(b2)
Nothing is assigned. When w rite, set to “0”.
When read, its content is “1”.
SCLO
b7 b6 b5 b4 b3 b2 b1
—
(b0)
Nothing is assigned. When w rite, set to “0”.
When read, its content is “1”.
—
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com