Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 155Page - Renesas Technology Corp R8C/16 Datasheet HTML 156Page - Renesas Technology Corp R8C/16 Datasheet HTML 157Page - Renesas Technology Corp R8C/16 Datasheet HTML 158Page - Renesas Technology Corp R8C/16 Datasheet HTML 159Page - Renesas Technology Corp R8C/16 Datasheet HTML 160Page - Renesas Technology Corp R8C/16 Datasheet HTML 161Page - Renesas Technology Corp R8C/16 Datasheet HTML 162Page - Renesas Technology Corp R8C/16 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 146 of 254
REJ09B0169-0210
Figure 15.6
ICIER Register
IIC Bus Interrupt Enable Register
(2)
Symbol
Address
Af ter Reset
ICIER
00BBh
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
b3 b2 b1
NAKIE
Transmit Acknow ledge
Select Bit
0 : “0” is transmitted as acknow ledge bit in
receive mode.
1 : “1” is transmitted as acknow ledge bit in
receive mode.
b7 b6 b5 b4
b0
ACKE
Transmit End Interrupt
Enable Bit
STIE
ACKBT
RW
RW
RO
ACKBR
RW
Receive Acknow ledge Bit 0 : Acknow ledge bit w hich is received from
receive device in transmit mode is set to “0”.
1 : Acknow ledge bit w hich is received from
receive device in transmit mode is set to “1”.
RW
An overrun error interrupt request is generated w hen the clock synchronous f ormat is used.
RIE
Receive Interrupt Enable
Bit
0 : Disables receive data f ull and overrun
error interrupt request
1 : Enables receive data f ull and overrun
error interrupt request(1)
RW
TIE
Transmit Interrupt Enable
Bit
0 : Disables transmit data empty interrupt request
1 : Enables transmit data empty interrupt request
TEIE
Ref er to 20.6.1 Acce s s of Re gis te rs As s ociate d w ith IIC f or the access of registers associated w ith IIC.
0 : Disables transmit end interrupt request
1 : Enables transmit end interrupt request
RW
Acknow ledge Bit
Judgment Select Bit
0 : Value of receive acknow ledge bit is ignored
and continuous transf er is performed.
1 : When receive acknow ledge bit is set to “1”,
continuous transf er is halted.
RW
Stop Condition Detection
Interrupt Enable Bit
0 : Disables stop condition detection interrupt
request
1 : Enables stop condition detection interrupt
request
0 : Disables NACK receive interrupt request and
arbitration lost / overrun error interrupt request
1 : Enables NACK receive interrupt request and
arbitration lost / overrun error interrupt request(1)
NACK Receive Interrupt
Enable Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com