Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 154Page - Renesas Technology Corp R8C/16 Datasheet HTML 155Page - Renesas Technology Corp R8C/16 Datasheet HTML 156Page - Renesas Technology Corp R8C/16 Datasheet HTML 157Page - Renesas Technology Corp R8C/16 Datasheet HTML 158Page - Renesas Technology Corp R8C/16 Datasheet HTML 159Page - Renesas Technology Corp R8C/16 Datasheet HTML 160Page - Renesas Technology Corp R8C/16 Datasheet HTML 161Page - Renesas Technology Corp R8C/16 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 145 of 254
REJ09B0169-0210
Figure 15.5
ICMR Register
IIC Bus Mode Register
(7)
Symbol
Address
After Reset
ICMR
00BAh
00011000b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
5.
6.
7. Refer to 20.6.1 Access of Registers Associated w ith IIC for the access of registers associated w ith IIC.
MLS
RW
RW
BC1
BC2
Bit Counter 2 to 0
I2C bus format (remaining transfer bit numbers
w hen read out and data bit numbers of transfer to
the next w hen w rite)(1, 2)
b2 b1 b0
0 0 0 : 9 bits(3)
0 0 1 : 2 bits
0 1 0 : 3 bits
0 1 1 : 4 bits
1 0 0 : 5 bits
1 0 1 : 6 bits
1 1 0 : 7 bits
1 1 1 : 8 bits
Clock synchronous serial format (w hen read, read
the remaining transfer bit numbers and w hen w rite,
w rite “000b”.)
b2 b1 b0
0 0 0 : 8 bits
0 0 1 : 1 bit
0 1 0 : 2 bits
0 1 1 : 3 bits
1 0 0 : 4 bits
1 0 1 : 5 bits
1 1 0 : 6 bits
1 1 1 : 7 bits
BC0
RW
RW
0
Wait Insertion Bit(5)
BCWP
BC Write Protect Bit
b7 b6 b5 b4 b3 b2 b1 b0
When rew rite to the BC0 to BC2 bits, w rite “0”
simultaneously(2, 4).
When read, its content is “1”.
RW
The setting value is enabled in master mode of the I2C bus format. It is disabled in slave mode of the I2C
bus format or w hen the clock synchronous serial format is used.
0 : No w ait
(Transfer data and acknow ledge bit
consecutively)
1 : Wait
(After the falling of the clock for the final
data bit, “L” period is extended for tw o
transfer clocks)
Set to “0”.
RW
RW
0 : Data transfer by MSB-first(6)
1 : Data transfer by LSB-first
—
(b5)
WAIT
Set to “0” w hen the I2C bus format is used.
When w rite to the BC0 to BC2 bits, w rite “0” to the BCWP bit using the MOV instruction.
—
(b4)
Nothing is assigned. When w rite, set to “0”.
When read, its content is “1”.
—
Rew rite betw een transfer frames. When w rite values other than “000b”, w rite w hen the SCL signal is “L”.
After data including the acknow ledge bit is transferred, this bit is automatically set to “000b”.
Do not rew rite w hen the clock synchronous serial format is used.
Reserved Bit
MSB-First / LSB-First Select
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com