Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 160Page - Renesas Technology Corp R8C/16 Datasheet HTML 161Page - Renesas Technology Corp R8C/16 Datasheet HTML 162Page - Renesas Technology Corp R8C/16 Datasheet HTML 163Page - Renesas Technology Corp R8C/16 Datasheet HTML 164Page - Renesas Technology Corp R8C/16 Datasheet HTML 165Page - Renesas Technology Corp R8C/16 Datasheet HTML 166Page - Renesas Technology Corp R8C/16 Datasheet HTML 167Page - Renesas Technology Corp R8C/16 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 151 of 254
REJ09B0169-0210
15.3
I2C bus Format
Setting the FS bit in the SAR register to “0” communicates in I2C bus format. Figure 15.9 shows the I2C
bus Format and Bus Timing. The 1st frame following start condition consists of 8 bits.
Figure 15.9
I2C bus Format and Bus Timing
S
R/W
A
DATA
A
A/A
P
1
7
1
1
n
1
1
1
1
m
(a) I2C bus Format (FS=0)
Transfer Bit Numbers (n=1 to 8)
Transfer Frame Numbers (m=from 1)
S
R/W
A
DATA
A/A
P
1
7
1
1
n1
1
1
1
m1
(b) I2C bus Format(when start condition is retransmitted, FS=0)
Upper : Transfer Bit Numbers (n1, n2=1 to 8)
Lower : Transfer Frame Numbers (m1, m2= from 1
)
SLA
SLA
A/A
1
S
1
R/W
A
DATA
7
1
1
n2
SLA
1
m2
SDA
SCL
S
SLA
R/W
A
DATA
A
DATA
A
P
1 to 7
8
9
1 to 7
8
9
1 to 7
8
9
(1) I2C bus Format
(2) I2C bus Timing
Explanation of Symbol
S
: Start condition
The master device changes the SDA signal from “H” to “L” while the SCL signal is held “H”.
SLA
: Slave address
R/W
: Indicates the direction of data transmit / receive
Data is transmitted from the slave device to the master device when R/W signal is “1” and from the master device to the slave device when
R/W signal is “0”.
A
: Acknowledge
The receive device sets the SDA signal to “L”.
DATA : Transmit / receive data
P
: Stop condition
The master device changes the SDA signal from “L” to “H” while the SCL signal is held “H”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com