Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 163Page - Renesas Technology Corp R8C/16 Datasheet HTML 164Page - Renesas Technology Corp R8C/16 Datasheet HTML 165Page - Renesas Technology Corp R8C/16 Datasheet HTML 166Page - Renesas Technology Corp R8C/16 Datasheet HTML 167Page - Renesas Technology Corp R8C/16 Datasheet HTML 168Page - Renesas Technology Corp R8C/16 Datasheet HTML 169Page - Renesas Technology Corp R8C/16 Datasheet HTML 170Page - Renesas Technology Corp R8C/16 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 154 of 254
REJ09B0169-0210
15.3.2
Master Receive Operation
In master receive mode, the master device outputs the receive clock, receives data from the slave
device, and returns an acknowledge signal. Figure 15.12 and Figure 15.13 show the Operation
Timing in Master Receive Mode.
The receive procedure and operation in master receive mode are shown below.
(1) After setting the TEND bit in the ICSR register to “0”, switch from master transmit mode to
master receive mode by setting the TRS bit in the ICCR1 register. And set the TDRE bit in the
ICSR register to “0”.
(2) When performing the dummy-read of the ICDRR register and starting receive, output the
receive clock synchronizing with the internal clock and receive data. The master device
outputs the level set by the ACKBT bit in the ICIER register to the SDA pin at the 9th clock of
the receive clock.
(3) The 1-frame data receive is completed and the RDRF bit in the ICSR register is set to “1” at
the rise of the 9th clock. At this time, when reading the ICDRR register, the received data can
be read and the RDRF bit is set to “0” simultaneously.
(4) The continuous receive is enabled by reading the ICDRR register every time the RDRF bit is
set to “1”. If the 8th clock falls after reading the ICDRR register by the other processes while
the RDRF bit is set to “1”, the SCL signal is fixed “L” until the ICDRR register is read.
(5) If the following frame is the last receive frame and the RCVD bit in the ICCR1 register is set to
“1” (disables the next receive operation) before reading the ICDRR register, the stop condition
generation is enabled after the following receive.
(6) When the RDRF bit is set to “1” at the rise of the 9th clock of the receive clock, generate the
stop condition.
(7) When the STOP bit in the ICSR register is set to “1”, read the ICDRR register. And set the
RCVD bit to “0” (maintain the following receive operation).
(8) Return to slave receive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com