Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 164Page - Renesas Technology Corp R8C/16 Datasheet HTML 165Page - Renesas Technology Corp R8C/16 Datasheet HTML 166Page - Renesas Technology Corp R8C/16 Datasheet HTML 167Page - Renesas Technology Corp R8C/16 Datasheet HTML 168Page - Renesas Technology Corp R8C/16 Datasheet HTML 169Page - Renesas Technology Corp R8C/16 Datasheet HTML 170Page - Renesas Technology Corp R8C/16 Datasheet HTML 171Page - Renesas Technology Corp R8C/16 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 155 of 254
REJ09B0169-0210
Figure 15.12
Operating Timing in Master Receive Mode (I2C bus Interface Mode) (1)
SDA
(Master Output)
SCL
(Master Output)
1
8
96
7
45
3
b7
b6
b5
b4
b3
b2
b1
b0
b7
12
SDA
(Slave Output)
TDRE Bit in
ICSR Register
“1”
“0”
TEND Bit in
ICSR Register
“1”
“0”
ICDRR Register
ICDRS Register
Data 1
Process
by program
(1)Set TEND and TRS bits to “0” before
setting TDRE bits to “0”
A
(2)Read ICDRR register
Data 1
9
TRS Bit in
ICCR1 Register
“1”
“0”
RDRF Bit in
ICSR Register
“1”
“0”
A
(3)Read ICDRR register
Master Transmit Mode
Master Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com