Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 169Page - Renesas Technology Corp R8C/16 Datasheet HTML 170Page - Renesas Technology Corp R8C/16 Datasheet HTML 171Page - Renesas Technology Corp R8C/16 Datasheet HTML 172Page - Renesas Technology Corp R8C/16 Datasheet HTML 173Page - Renesas Technology Corp R8C/16 Datasheet HTML 174Page - Renesas Technology Corp R8C/16 Datasheet HTML 175Page - Renesas Technology Corp R8C/16 Datasheet HTML 176Page - Renesas Technology Corp R8C/16 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 160 of 254
REJ09B0169-0210
15.3.4
Slave Receive Operation
In slave receive mode, the master device outputs the transmit clock and data, and the slave device
returns an acknowledge signal. Figure 15.16 and Figure 15.17 show the Operation Timing in Slave
Receive Mode.
The receive procedure and operation in slave receive mode are shown below.
(1) Set the ICE bit in the ICCR1 register to “1” (transfer operation enabled). Set the WAIT and
MLS bits in the ICMR register and CKS0 to CKS3 bits in the ICCR1 register (initial setting). Set
the TRS and MST bits in the ICCR1 register to “0” and wait until the slave address matches in
slave receive mode.
(2) When the slave address matches at the 1st frame after detecting the start condition, the slave
device outputs the level set in the ACKBT bit in the ICIER register to the SDA pin at the rise of
the 9th clock. Since the RDRF bit in the ICSR register is set to “1” simultaneously, perform the
dummy-read (the read data is unnecessary because of showing slave address and R/W).
(3) Read the ICDRR register every time the RDRF bit is set to “1”. If the 8th clock falls while the
RDRF bit is set to “1”, the SCL signal is fixed “L” until the ICDRR register is read. The setting
change of the acknowledge signal which returns to master device before reading the ICDRR
register reflects the following transfer frame.
(4) Reading the last byte is performed by reading the ICDRR register as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com