Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 170Page - Renesas Technology Corp R8C/16 Datasheet HTML 171Page - Renesas Technology Corp R8C/16 Datasheet HTML 172Page - Renesas Technology Corp R8C/16 Datasheet HTML 173Page - Renesas Technology Corp R8C/16 Datasheet HTML 174Page - Renesas Technology Corp R8C/16 Datasheet HTML 175Page - Renesas Technology Corp R8C/16 Datasheet HTML 176Page - Renesas Technology Corp R8C/16 Datasheet HTML 177Page - Renesas Technology Corp R8C/16 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 161 of 254
REJ09B0169-0210
Figure 15.16
Operating Timing in Slave Receive Mode (I2C bus Interface Mode) (1)
Figure 15.17
Operating Timing in Slave Receive Mode (I2C bus Interface Mode) (2)
SDA
(Master Output)
SCL
(Master Output)
1
8
96
7
45
3
b7
b6
b5
b4
b3
b2
b1
b0
b7
12
SDA
(Slave Output)
ICDRR Register
ICDRS Register
Data 1
Process
by program
A
(2) Dummy-read of ICDRR register
Data 1
9
RDRF Bit in
ICSR Register
“1”
“0”
A
(2) Read ICDRR register
SCL
(Slave Output)
Data 2
SDA
(Master Output)
SCL
(Master Output)
8
96
7
45
3
b7
b6
b5
b4
b3
b2
b1
b0
12
SDA
(Slave Output)
ICDRR Register
ICDRS Register
Data 1
Process
by program
A
(3) Read ICDRR register
Data 1
9
RDRF Bit in
ICSR Register
“1”
“0”
A
(4)Read ICDRR register
SCL
(Slave Output)
Data 2
(3) Set ACKBT bit to “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com