Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 171Page - Renesas Technology Corp R8C/16 Datasheet HTML 172Page - Renesas Technology Corp R8C/16 Datasheet HTML 173Page - Renesas Technology Corp R8C/16 Datasheet HTML 174Page - Renesas Technology Corp R8C/16 Datasheet HTML 175Page - Renesas Technology Corp R8C/16 Datasheet HTML 176Page - Renesas Technology Corp R8C/16 Datasheet HTML 177Page - Renesas Technology Corp R8C/16 Datasheet HTML 178Page - Renesas Technology Corp R8C/16 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 162 of 254
REJ09B0169-0210
15.4
Clock Synchronous Serial Format
When setting the FS bit in the SAR register to “1”, the clock synchronous serial format is used to
communicate. Figure 15.18 shows the Transfer Format of Clock Synchronous Serial Format.
When the MST bit in the ICCR1 register is set to “1”, the transfer clock is output from the SCL pin and
when the MST bit is set to “0”, the external clock is input.
The transfer data is output between the fall and the following fall of the SCL clock, and data is
determined by the rise of the SCL clock. The MSB-first or LSB-first can be selected for the order of the
data transfer by setting the MLS bit in the ICMR register. The SDA output level can be changed by the
SDAO bit in the ICCR2 register during the transfer standby.
Figure 15.18
Transfer Format of Clock Synchronous Serial Format
SCL
b0
SDA
b1
b2
b3
b4
b5
b6
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com