Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 269Page - Renesas Technology Corp R8C/16 Datasheet HTML 270Page - Renesas Technology Corp R8C/16 Datasheet HTML 271Page - Renesas Technology Corp R8C/16 Datasheet HTML 272Page - Renesas Technology Corp R8C/16 Datasheet HTML 273Page - Renesas Technology Corp R8C/16 Datasheet HTML 274Page - Renesas Technology Corp R8C/16 Datasheet HTML 275Page - Renesas Technology Corp R8C/16 Datasheet HTML 276Page - Renesas Technology Corp R8C/16 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 279 page
background image
C - 6
REVISION HISTORY
R8C/16 Group, R8C/17 Group Hardware
2.00
Jan 12, 2006
46
9.2.1 Low-Speed On-Chip Oscillator Clock;
“The application ... to accommodate the frequency range.”
→
“The application ... for the frequency change.”
47
9.3.2 CPU Clock;
“When changing the clock source ... the OCD2 bit.” deleted
48
9.4.1 Normal Operating Mode;
“... into three modes”
→ “... into four modes” revised
Table 9.2 Setting and Mode of Clock Associated Bit revised
49
9.4.1.1 High-Speed Mode, 9.4.1.2 Medium-Speed Mode;
“Set the CM06 bit to “1” ... on-chip oscillator mode.” deleted
9.4.1.3 High-Speed, Low-Speed On-Chip Oscillator Mode;
“9.4.1.3 On-Chip Oscillator Mode”
→ “9.4.1.3 High-Speed, Low-Speed
On-Chip Oscillator Mode” revised,
“Set the CM06 bit to “1” ... high-speed and medium-speed.” deleted
52
Figure 9.8 State Transition to Stop and Wait Modes;
“Figure 9.8 State Transition to Stop and Wait Modes”
→ “Figure 9.8
State Transition of Power Control” revised
Figure 9.9 State Transition in Normal Operating Mode deleted
53
9.5.1 How to Use Oscillation Stop Detection Function;
“
• This function cannot ... is 2 MHz or below. ...” →
“
• This function cannot ... is below 2 MHz. ...” revised
54
Figure 9.9 Procedure of Switching Clock Source From Low-Speed On-
Chip Oscillator to Main Clock revised
55
Figure 10.1 PRCR Register “00XXX000b”
→ ”00h” revised
68
Figure 11.10 Judgement Circuit of Interrupts Priority Level NOTE1 deleted
69
Figure 11.11 INTEN and INT0F Registers;
INT0F Register “XXXXX000b”
→ ”00h” revised
76
11.4 Address Match Interrupt;
“... , do not use an address match interrupt in a user system.”
→
“... , do not set an address match interrupt (the registers of AIER,
RMAD0, RMAD1 and the fixed vector tables) in a user system.”
revised
77
Figure 11.19 AIER, RMAD0 to RMAD1 Registers;
AIER Register revised
79
Figure 12.2 OFS and WDC Registers;
• Option Function Select Register NOTE1 revised, NOTE2 added
• Watchdog Timer Control Register NOTE1 deleted
84
Figure 13.1 Block Diagram of Timer X revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com