Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 271Page - Renesas Technology Corp R8C/16 Datasheet HTML 272Page - Renesas Technology Corp R8C/16 Datasheet HTML 273Page - Renesas Technology Corp R8C/16 Datasheet HTML 274Page - Renesas Technology Corp R8C/16 Datasheet HTML 275Page - Renesas Technology Corp R8C/16 Datasheet HTML 276Page - Renesas Technology Corp R8C/16 Datasheet HTML 277Page - Renesas Technology Corp R8C/16 Datasheet HTML 278Page - Renesas Technology Corp R8C/16 Datasheet HTML 279Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 275 / 279 page
background image
C - 8
REVISION HISTORY
R8C/16 Group, R8C/17 Group Hardware
2.00
Jan 12, 2006
127
Figure 14.3 U0TB, U0RB and U0BRG Registers;
U0TB and U0RB Registers revised, U0BRG register NOTE3 added
128
Figure 14.4 U0MR and U0C0 Registers;
U0C0 register NOTE1 added
136
Table 14.5 Registers to Be Used and Settings in UART Mode;
U0BRG: “
−“ → “0 to 7” revised
147
Figure 15.7 ICSR Register revised
172
Figure 16.1 Block Diagram of A/D Converter “Vref“
→ “Vcom” revised
173, 176,
178
Figure 16.2 ADCON0 and ADCON1 Registers,
Figure 16.4 ADCON0 and ADCON1 Registers in One-Shot Mode,
Figure 16.5 ADCON0 and ADCON1 Registers in Repeat Mode;
ADCON0 Register revised
179 to
181
Figure 16.6 Timing Diagram of A/D Conversion revised and
16.4 A/D Conversion Cycles to 16.6 Inflow Current Bypass Circuit added
183, 184 Figure 17.1 Configuration of Programmable I/O Ports (1),
Figure 17.2 Configuration of Programmable I/O Ports (2); NOTE1 added
185
Figure 17.3 Configuration of Programmable I/O Ports (3) NOTE4 added
187
Figure 17.5 PD1, PD3 and PD4 Registers,
Figure 17.6 P1, P3 and P4 Registers; NOTE1, 2 revised
188
Figure 17.7 PUR0 and PUR1 Registers revised
189 to
192
17.4 Port setting added, Table 17.4 Port P1_0/KI0/AN8/CMP0_0 Setting
to Table 17.17 Port P4_5/INT0 Setting added
194
Table 18.1 Flash Memory Version Performance;
Program and Erase Endurance: (Program area)
→ (Program ROM),
(Data area)
→ (Data flash) revised
196
18.2 Memory Map;
“The user ROM ... area ... Block A and B.”
→
“The user ROM ... area (program ROM) ... Block A and B (data flash).”
revised
Figure 18.1 Flash Memory Block Diagram for R8C/16 Group revised
197
Figure 18.2 Flash Memory Block Diagram for R8C/17 Group revised
199
Figure 18.4 OFS Register; NOTE1 revised, NOTE2 added
202, 203 18.4.2.1 FMR00 Bit to 18.4.2.12 FMR46 bit revised
203
Figure 18.5 FMR0 Register; NOTE6 added
204
Figure 18.6 FMR1 and FMR4 Registers; FMR4 Register NOTE2 revised
205
Figure 18.7 Timing on Suspend Operation added
206
Figure 18.8 How to Set and Exit EW0 Mode and Figure 18.9 How to Set
and Exit EW1 Mode revised
211
Figure 18.13 Block Erase Command (When Using Erase-Suspend
Function) revised
214
Figure 18.14 Full Status Check and Handling Procedure for Each Error
revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com