Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 270Page - Renesas Technology Corp R8C/16 Datasheet HTML 271Page - Renesas Technology Corp R8C/16 Datasheet HTML 272Page - Renesas Technology Corp R8C/16 Datasheet HTML 273Page - Renesas Technology Corp R8C/16 Datasheet HTML 274Page - Renesas Technology Corp R8C/16 Datasheet HTML 275Page - Renesas Technology Corp R8C/16 Datasheet HTML 276Page - Renesas Technology Corp R8C/16 Datasheet HTML 277Page - Renesas Technology Corp R8C/16 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 279 page
background image
C - 7
REVISION HISTORY
R8C/16 Group, R8C/17 Group Hardware
2.00
Jan 12, 2006
87
Table 13.2 Specification of Timer Mode;
• “INT1/CNTR0 Signal Pin Function”
→ “INT10/CNTR00, INT11/CNTR01
Pin Function”
revised
•“
• When writing ... registers (the data is transferred to the counter when
the following count source is input).”
→
“
• When writing ... registers at the following count source input and the
data is transferred to the counter at the second count source input and
the count re-starts at the third count source input.” revised
88
Table 13.3 Specification of Pulse Output Mode;
•“INT1/CNTR0 Signal Pin Function”
→ “INT10/CNTR00 Pin Function”
revised
•“
• When writing ... registers (the data is transferred to the counter when
the following count source is input).”
→
“
• When writing ... registers at the following count source input and the
data is transferred to the counter at the second count source input and
the count re-starts at the third count source input.” revised
• NOTE1 added
90, 92, 95 Table 13.4 Specification of Event Counter Mode,
Table 13.5 Specification of Pulse Width Measurement Mode,
Table 13.6 Specification of Pulse Period Measurement Mode;
• “INT1/CNTR0 Signal Pin Function”
→ “INT10/CNTR00, INT11/CNTR01
Pin Function”
revised
•“
• When writing ... registers (the data is transferred to the counter when
the following count source is input).”
→
“
• When writing ... registers at the following count source input and the
data is transferred to the counter at the second count source input and
the count re-starts at the third count source input.” revised
98
Figure 13.11 Block Diagram of Timer Z;
“Peripheral Data Bus”
→ “Data Bus” revised
103
Table 13.7 Specification of Timer Mode;
“
• When writing ... registers (the data is transferred to the counter
when the following count source is input) while the TZWC bit is set to
“0” (writing to the reload register and counter simultaneously).”
→
“
• When writing ... registers at the following count source input and the
data is transferred to the counter at the second count source input and
the count re-starts at the third count source input.” revised
108, 112 Table 13.9 Specification of Programmable One-Shot Generation Mode,
Table 13.10 Programmable Wait One-Shot Generation Mode Specifications;
Count Operation; “
• When a count completes, ...” → “• When a count
stops, ...” revised
116
Figure 13.25 Block Diagram of CMP Waveform Output Unit revised
123
Table 13.12 Specification of Output Compare Mode NOTE1 revised
124
Figure 13.31 Operating Example of Timer C in Output Compare Mode
revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com