Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 104Page - Renesas Technology Corp 3822 Datasheet HTML 105Page - Renesas Technology Corp 3822 Datasheet HTML 106Page - Renesas Technology Corp 3822 Datasheet HTML 107Page - Renesas Technology Corp 3822 Datasheet HTML 108Page - Renesas Technology Corp 3822 Datasheet HTML 109Page - Renesas Technology Corp 3822 Datasheet HTML 110Page - Renesas Technology Corp 3822 Datasheet HTML 111Page - Renesas Technology Corp 3822 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 328 page
background image
APPLICATION
2.3 Timer X and timer Y
3822 GROUP USER’S MANUAL
2–42
2.3.2 Explanation of timer Y operations
Timer Y has 4 modes of operation.
Operation in each mode is described below.
(1) Timer Mode
Operation in the timer mode is described below.
ŒStart of count operation
Immediately after reset release, the timer Y stop control bit is in the “0” state. For this reason, the
count operation is automatically started after reset release.
The value of the timer Y counter (referred as “the Y counter”) is decremented by 1 each time a
count source is input.
The count source is f(XIN)/16 clock (low-speed mode ; f(XCIN)/16 clock).
Reload operation
The Y counter underflows at the first count pulse after the value of the Y counter reaches “0016.”
At this time, the value of the timer Y latch (referred as “the Y latch”) is transferred (reloaded) to the
Y counter.
ŽInterrupt operation
An interrupt request occurs at the Y counter underflow. At the same time, the timer Y interrupt
request bit is set to “1.” The occurrence of an interrupt is controlled by the timer Y interrupt enable
bit.
An interrupt request occurs each time the counter underflows. In other words, an interrupt request
occurs every “the Y counter initial value + 1” count of the rising edge of the count source.
Stop of count operation
By writing “1” to the timer Y stop control bit by software, the count operation is stopped.
The count operation is continued until “1” is set to the timer Y stop control bit.
Figure 2.3.6 shows a timer mode operation example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com