Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 117Page - Renesas Technology Corp 3822 Datasheet HTML 118Page - Renesas Technology Corp 3822 Datasheet HTML 119Page - Renesas Technology Corp 3822 Datasheet HTML 120Page - Renesas Technology Corp 3822 Datasheet HTML 121Page - Renesas Technology Corp 3822 Datasheet HTML 122Page - Renesas Technology Corp 3822 Datasheet HTML 123Page - Renesas Technology Corp 3822 Datasheet HTML 124Page - Renesas Technology Corp 3822 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 328 page
background image
2.3 Timer X and timer Y
APPLICATION
2–55
3822 GROUP USER’S MANUAL
sTimer Y counter
The Y counter counts the count source. Figure 2.3.15 shows the structure of the timer Y counter.
The contents of the Y counter are decremented by 1 each time a count source is input.
The division ratio of the counter is represented by the following expression.
Division ratio of the Y counter =
In the period measurement mode or the pulse width HL coutinuously measurement mode, the value
immediately before reload is held until it is read out once after reload. The count operation is coutinued.
Fig. 2.3.15 Structure of timer Y counter
1
the X counter initial value + 1
b7 b6 b5 b4 b3 b2 b1 b0
Timer Y (high-order, low-order) (TYH, TYL) [Address 23 16, 2216]
B
Functions
At reset R W
Timer Y (high-order, low-order)
0
to
7
•Set “000016 to FFFF16” as timer Y count value.
•The value of the Y counter is decremented
by 1 each time a count source is input.
•The values of each Y counter are read out
by reading the respective timer Ys.
•The Y counter value immediately before
reload is held until it is read out once after
reload.
(period measurement mode/pulse width HL
continuously measurement mode)
1
qTimer Y counter
Notes 1 : Write both registers in the order of TYL and TYH.
2 : Read both registers in the order of TYH and TYL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com