Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 120Page - Renesas Technology Corp 3822 Datasheet HTML 121Page - Renesas Technology Corp 3822 Datasheet HTML 122Page - Renesas Technology Corp 3822 Datasheet HTML 123Page - Renesas Technology Corp 3822 Datasheet HTML 124Page - Renesas Technology Corp 3822 Datasheet HTML 125Page - Renesas Technology Corp 3822 Datasheet HTML 126Page - Renesas Technology Corp 3822 Datasheet HTML 127Page - Renesas Technology Corp 3822 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 328 page
background image
APPLICATION
2.3 Timer X and timer Y
3822 GROUP USER’S MANUAL
2–58
sCNTR0 active edge switch bit (bit 6)
The CNTR0 active edge switch bit has a function which selects an active edge of the CNTR0 interrupt,
and functions for each mode.
qCNTR0 interrupt
When bit 6 is “0,” the falling edge ( ) is active.
When bit 6 is “1,” the rising edge ( ) is active.
qPulse output mode
In the pulse output mode, the initial level at the start of pulse output is selected.
When bit 6 is “0,” the initial level is “H.”
When bit 6 is “1,” the initial level is “L.”
qEvent counter mode
An active edge of the count source is selected.
When bit 6 is “0,” the rising edge ( ) is active.
When bit 6 is “1,” the falling edge ( ) is active.
qPulse width measurement mode
A duration of pulse width measured is selected.
When bit 6 is “0,” the “H” level width is measured.
When bit 6 is “1,” the “L” level width is measured.
sTimer X stop control bit (bit 7)
The timer X stop control bit controls the count operation of the timer X.
By writing “0” to bit 7, a count source is input to the X counter, so that a count operation is started.
As bit 7 is in the “0” state immediately after reset release, the count operation is automatically started
after reset release.
By writing “1” to bit 7, the input of count source to the X counter is stopped, so that the count operation
stops.
In the pulse width measurement mode, however, a count operation is performed only in the period in
which the measurement level is input to the P54/CNTR0 pin when bit 7 is in the “0” state.
At read, this bit functions as a status bit to indicate the operating state (counting or stop) of the X
counter. When bit 7 is “0,” the counter is in the operating state. When bit 7 is “1,” the counter is in
the stop state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com