Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 123Page - Renesas Technology Corp 3822 Datasheet HTML 124Page - Renesas Technology Corp 3822 Datasheet HTML 125Page - Renesas Technology Corp 3822 Datasheet HTML 126Page - Renesas Technology Corp 3822 Datasheet HTML 127Page - Renesas Technology Corp 3822 Datasheet HTML 128Page - Renesas Technology Corp 3822 Datasheet HTML 129Page - Renesas Technology Corp 3822 Datasheet HTML 130Page - Renesas Technology Corp 3822 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 328 page
background image
2.3 Timer X and timer Y
APPLICATION
2–61
3822 GROUP USER’S MANUAL
(6) Interrupt request register 1 (IREQ1) and interrupt request register 2 (IREQ2)
The interrupt request register 1 (address 003C16) and the interrupt request register 2 (address 003D16)
indicate whether an interrupt request has occured or not.
Figure 2.3.18 shows the structure of the interrupt request register 1 and Figure 2.3.19 shows the
structure of the interrupt request register 2.
The occurrence of an interrupt request (timer X, timer Y, CNTR0, and CNTR1 interrupt requests)
causes the corresponding bit to be set to “1.” This interrupt request bit is automatically cleared to “0”
by the acceptance of the interrupt request.
The interrupt request bits can be set to “0” by software, but it cannot be set to “1” by software.
The occurrence of each interrupt is controlled by the corresponding interrupt enable bit (refer to the
next item).
For details of interrupts, refer to “2.2 Interrupts.”
Fig. 2.3.18 Structure of interrupt request register 1
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 1 (IREQ1) [Address 3C 16]
B
Name
Functions
At reset R W
Interrupt request register 1
0
0 : No interrupt request issued
1 : Interrupt request issued
0
V
INT0 interrupt request
bit
1
INT1 interrupt request
bit
0
2
Serial I/O receive
interrupt request bit
0
3
Serial I/O transmit
interrupt request bit
0
V
: “0” can be set by software, but “1” cannot be set.
4
Timer X interrupt
request bit
0
5
Timer Y interrupt
request bit
0
6
Timer 2 interrupt
request bit
0
7
Timer 3 interrupt
request bit
0
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
V
V
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com