Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 30Page - Renesas Technology Corp 32170 Datasheet HTML 31Page - Renesas Technology Corp 32170 Datasheet HTML 32Page - Renesas Technology Corp 32170 Datasheet HTML 33Page - Renesas Technology Corp 32170 Datasheet HTML 34Page - Renesas Technology Corp 32170 Datasheet HTML 35Page - Renesas Technology Corp 32170 Datasheet HTML 36Page - Renesas Technology Corp 32170 Datasheet HTML 37Page - Renesas Technology Corp 32170 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 881 page
background image
1
1-11
32170/32174 Group User's Manual (Rev. 2.1)
OVERVIEW
1.3 Pin Function
1.3 Pin Function
Figure 1.3.1 shows a pin function diagram of the 32170/32174 in 240QFP package. Figure
1.3.2 shows a pin function diagram of the 32170/32174 in 255FBGA package. Table 1.3.1
explains the function of each pin of the 32170/32174. Table 1.3.2 explains the function of the
dedicated debug pins of the 32170/32174 in 255FBGA package.
Figure 1.3.1 Pin Function Diagram of 240QFP
XIN
RESET
Clock
Reset
VCCI
VSS
6
16
P20 —P27/A23 —A30
P30 —P37/A15 —A22
P46, P47/A13, A14
Address
bus
20
P00 —P07/DB0 —DB7
P10 —P17/DB8 —DB15
Data
bus
16
P72/HREQ
P73/HACK
Bus
control
P71/WAIT
Interrupt
controller
P43/RD
P44/CS0
P45/CS1
P41/BLW/BLE
P42/BHW/BHE
Port 22
Port 2
Port 3
Port 4
Port 0
Port 1
Port 7
Port 4
XOUT
VCNT
OSC-VCC
OSC-VSS
MOD0
MOD1
Mode
P190 —P197/TIN26 —TIN33
P172, P173/TIN24, TIN25
P150 —P157/TIN0 —TIN7
P140 —P147/TIN8 —TIN15
P130 —P137/TIN16 —TIN23
34
Port 19
Port 17
Port 15
Port 14
Port 13
P124 —P127/
TCLK0 —TCLK 3
4
Multi-
junction
timer
45
P210-P217/TO37-TO44
P180-P187/TO29 -TO36
P160-P167/TO21-TO28
P110-P117/TO0- TO7
P100-P107/TO8-TO15
P93-P97/TO16 -TO20
Port 12
Port 21
Port 18
Port 16
Port 11
Port 10
Port 9
P74/RTDTXD
P75/RTDRXD
P76/RTDACK
P77/RTDCLK
Real-time
debugger
Port 7
P70/BCLK/WR
Port 7
P82/TXD0
P83/RXD0
P84/SCLKI0/SCLKO0
P85/TXD1
P86/RXD1
P87/SCLKI1/SCLKO1
Serial
I/O
Port 8
16
AD1IN0 —AD1IN15
A-D
converter
P67/ADTRG
AVCC0, AVCC1
AVSS0, AVSS1
Port 6
P61-P63
Port 6
AVREF0, AVREF1
VDD
FVCC
FP
VCCE
7
P174/TXD2
P175/RXD2
P176/TXD3
P177/RXD3
Port 17
3.3V
5V
Note1:
: denotes blocks operating with a 3.3 V power supply.
: denotes blocks operating with a 5 V or 3.3V power supply.
16
AD0IN0 —AD0IN15
2
2
2
P200/TXD4
P201/RXD4
P202/TXD5
P203/RXD5
Port 20
P220/CTX
P221/CRX
CAN
JTMS
JTCK
JTRST
JTDO
JTAG
JTDI
Port 22
P222, P223
Port 22
P224/A11(Note2)
P225/A12(Note2)
Note2: Use caution when using this port because it has a debug event function.
P65/SCLKI4/SCLKO4
P64/SBI
Port 6
P66/SCLKI5/SCLKO5
Port 6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com