Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 32Page - Renesas Technology Corp 32170 Datasheet HTML 33Page - Renesas Technology Corp 32170 Datasheet HTML 34Page - Renesas Technology Corp 32170 Datasheet HTML 35Page - Renesas Technology Corp 32170 Datasheet HTML 36Page - Renesas Technology Corp 32170 Datasheet HTML 37Page - Renesas Technology Corp 32170 Datasheet HTML 38Page - Renesas Technology Corp 32170 Datasheet HTML 39Page - Renesas Technology Corp 32170 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 881 page
background image
1
1-13
32170/32174 Group User's Manual (Rev. 2.1)
Table 1.3.1 Description of the 32170 Pin Function (1/6)
Type
Pin Name Signal Name
Input/Output Function
Power
VCCE
Power supply
—
Power supply to external I/O ports (5 V or 3.3V).
supply
VCCI
Power supply
—
Power supply to internal logic (3.3 V).
VDD
RAM power supply
—
Power supply for internal RAM backup (3.3 V).
FVCC
FLASH power supply —
Power supply for internal flash memory (3.3 V).
VSS
Ground
—
Connect all VSS to ground (GND).
Clock
XIN,
Clock
Input
Clock input/output pins. These pins contains a PLL-based
XOUT
Output
frequency multiplier circuit. Apply a clock whose frequency
is 1/4 the operating frequency. (When using 40 MHz CPU
clock, XIN input = 10.0 MHz)
__
BCLK/WR System clock
Output
When BCLK pin is selected, it outputs a clock whose
frequency is twice that of an external input clock (e.g.,
BCLK output = 20 MHz when an external input clock is 10
MHz). Use this facility for external synchronization design.
When WR# pin is selected, it indicates the byte position in
which valid data is transferred when writing to an external
device.
OSC-VCC Power supply
—
Power supply for PLL circuit. Connect OSC-VCC to the
power supply rail.
OSC-VSS Ground
—
Connect OSC-VSS to ground.
VCNT
PLL control
Input
This pin controls the PLL circuit. Connect a resistor and
capacitor to it. (For external circuits, refer to Section 18.1.1,
"Example of an Oscillator Circuit.")
Reset
_____
RESET
Reset
Input
This pin resets the internal circuit.
Mode
MOD0
Mode
Input
These pins set operation mode.
MOD1
FP
MOD0
MOD1
Mode
X
0
0
Single-chip mode
X
0
1
Extended external mode
0
1
0
Processor mode
1
1110
000
(Boot mode)
(Note)
X
1
1
(Reserved)
Address
A11 – A30 Address
Output
The device has 20 address lines (A11-A30) to allow two
Bus
Bus
channels of up to 2 MB of memory space to be added
external to the chip. A31 is not output.
Note: For boot mode, refer to Chapter 6, "Internal Memory."
OVERVIEW
1.3 Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com