Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 34Page - Renesas Technology Corp 32170 Datasheet HTML 35Page - Renesas Technology Corp 32170 Datasheet HTML 36Page - Renesas Technology Corp 32170 Datasheet HTML 37Page - Renesas Technology Corp 32170 Datasheet HTML 38Page - Renesas Technology Corp 32170 Datasheet HTML 39Page - Renesas Technology Corp 32170 Datasheet HTML 40Page - Renesas Technology Corp 32170 Datasheet HTML 41Page - Renesas Technology Corp 32170 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 881 page
background image
1
1-15
32170/32174 Group User's Manual (Rev. 2.1)
Table 1.3.1 Description of the 32170 Pin Function (3/6)
Type
Pin Name Signal Name
Input/Output Function
A-D
VREF0,
Reference
Input
VREF0 is the reference voltage input pin for the A-D0 converter.
converter VREF1
voltage input
VREF1 is the reference voltage input pin for the A-D1 converter.
_____
ADTRG
Conversion
Input
Hardware trigger input pin to start A-D conversion.
trigger
Interrupt
___
SBI
System break
Input
System break interrupt (SBI) input pin for the interrupt
controller
interrupt
controller
Serial I/O SCLKI0 /
UART transmit/
Input/output
When channel 0 is in UART mode:
SCLKO0
receive clock
This pin outputs a clock derived from BRG output by halving it.
output or CSIO
transmit/receive
When channel 0 is in CSIO mode:
clock input/output
This pin accepts as its input a transmit/receive clock when external clock
source is selected or outputs a transmit/receive clock when internal clock
source is selected.
SCLKI1 /
UART transmit/
Input/output
When channel 1 is in UART mode:
SCLKO1
receive clock
This pin outputs a clock derived from BRG output by halving it.
output or CSIO
transmit/receive
When channel 1 is in CSIO mode:
clock input/output
This pin accepts as its input a transmit/receive clock when external clock
source is selected or outputs a transmit/receive clock when internal clock
source is selected.
SCLKI4 /
UART transmit/
Input/output
When channel 4 is in UART mode:
SCLKO4
receive clock
This pin outputs a clock derived from BRG output by halving it.
output or CSIO
transmit/receive
When channel 4 is in CSIO mode:
clock input/output
This pin accepts as its input a transmit/receive clock when external clock
source is selected or outputs a transmit/receive clock when internal clock
source is selected.
SCLKI5 /
UART transmit/
Input/output
When channel 5 is in UART mode:
SCLKO5
receive clock
This pin outputs a clock derived from BRG output by halving it.
output or CSIO
transmit/receive
When channel 5 is in CSIO mode:
clock input/output
This pin accepts as its input a transmit/receive clock when external clock
source is selected or outputs a transmit/receive clock when internal clock
source is selected.
TXD0
Transmit data
output
Transmit data output pin for serial I/O channel 0
RXD0
Receive data
Input
Receive data input pin for serial I/O channel 0
OVERVIEW
1.3 Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com