Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 67Page - Renesas Technology Corp 32170 Datasheet HTML 68Page - Renesas Technology Corp 32170 Datasheet HTML 69Page - Renesas Technology Corp 32170 Datasheet HTML 70Page - Renesas Technology Corp 32170 Datasheet HTML 71Page - Renesas Technology Corp 32170 Datasheet HTML 72Page - Renesas Technology Corp 32170 Datasheet HTML 73Page - Renesas Technology Corp 32170 Datasheet HTML 74Page - Renesas Technology Corp 32170 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 881 page
background image
3
3-10
32170/32174 Group User's Manual (Rev. 2.1)
3.3 Internal ROM Area and Extended External Area
The 8 Mbyte area at addresses H'0000 0000 to H'007F FFFF in the user space accommodates the
internal ROM and extended external areas. Of this, a 4 Mbytes of address space from H'0000 0000
to H'0003 FFFF is the area that the user can actually use. All other areas here comprise a 4 Mbytes
of ghost area. (When programming, do not use this ghost area intentionally.)
For details on how the internal ROM and extended external areas are located differently depending
on this microcomputer's operation modes set, refer to Section 3.2, "Operation Modes."
3.3.1 Internal ROM Area
The internal ROM is located in the area shown below. Also, this area has an EIT vector entry
(and ICU vector table) located in it at the beginning.
Table 3.3.1 Addresses at Which the Internal ROM is Located
Type Name
Size
Located address
MF32170F6
768 Kbytes
H'0000 0000 - H'000B FFFF
MF32170F4, M32174F4
512 Kbytes
H'0000 0000 - H'0007 FFFF
MF32170F3, M32174F3
384 Kbytes
H'0000 0000 - H'0005 FFFF
3.3.2 Extended External Area
An extended external area is provided only when extended external mode or processor mode has
been selected when setting this microcomputer's operation mode. For access to this extended
external area, this microcomputer outputs the control signals necessary to access external
devices.
________
_______
This microcomputer's CS0 and CS1 signals are output corresponding to the address mapping of
________
_______
the extended external area. The CS0 signal is output for the CS0 area, and the CS1 signal is output
for the CS1 area.
Table 3.3.2 Address Mapping of the Extended External Area in Each Operation Mode
Operation Mode
Address mapping of the extended external area
Single-chip mode
None
Extended external mode
Addresses H'0010 0000 to H'001F FFFF (CS0 area: 1 Mbytes)
Addresses H'0020 0000 to H'003F FFFF (CS1 area: 2 Mbytes)
Processor mode
Addresses H'0000 0000 to H'001F FFFF (CS0 area: 2 Mbytes)
Addresses H'0020 0000 to H'003F FFFF (CS1 area: 2 Mbytes)
ADDRESS SPACE
3.3 Internal ROM/Extended External Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com