Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 12Page - Renesas Technology Corp 32170 Datasheet HTML 13Page - Renesas Technology Corp 32170 Datasheet HTML 14Page - Renesas Technology Corp 32170 Datasheet HTML 15Page - Renesas Technology Corp 32170 Datasheet HTML 16Page - Renesas Technology Corp 32170 Datasheet HTML 17Page - Renesas Technology Corp 32170 Datasheet HTML 18Page - Renesas Technology Corp 32170 Datasheet HTML 19Page - Renesas Technology Corp 32170 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 881 page
background image
(8)
CHAPTER 11 A-D CONVERTERS
11.1 Outline of A-D Converter .............................................................................. 11-2
11.1.1 Conversion Modes .................................................................................. 11-6
11.1.2 Operation Modes .................................................................................... 11-7
11.1.3 Special Operation Modes ..................................................................... 11-11
11.1.4 A-D Converter Interrupt and DMA Transfer Requests .......................... 11-14
11.2 A-D Converter Related Registers .............................................................. 11-15
11.2.1 A-D Single Mode Register 0 ................................................................. 11-19
11.2.2 A-D Single Mode Register 1 ................................................................. 11-23
11.2.3 A-D Scan Mode Register 0 ................................................................... 11-26
11.2.4 A-D Scan Mode Register 1 ................................................................... 11-30
10.8.9 TOD Cout Enable Registers ............................................................... 10-192
10.8.10 Operation in TOD PWM Output Mode .............................................. 10-195
10.8.11 Operation in TOD Single-shot Output Mode (without Correction Function) 10-199
10.8.12 Operation in TOD Delayed Single-shot Output Mode (without Correction Function) 10-201
10.8.13 Operation in TOD Continuous Output Mode (Without Correction Function) . 10-203
10.9 TOM (Output-related 16-bit Timer) .......................................................... 10-205
10.9.1 Outline of TOM ................................................................................... 10-205
10.9.2 Outline of Each Mode of TOM ............................................................ 10-207
10.9.3 TOM Related Register Map ................................................................ 10-209
10.9.4 TOM Control Registers ....................................................................... 10-211
10.9.5 TOM Counters .................................................................................... 10-212
10.9.6 TOM Reload 0 Registers .................................................................... 10-215
10.9.7 TOM Reload 1 Registers .................................................................... 10-216
10.9.8 TOM Enable Protect Registers ........................................................... 10-217
10.9.9 TOM Count Enable Registers ............................................................. 10-218
10.9.10 Operation in TOM PWM Output Mode ............................................... 10-220
10.9.11 Operation in TOM Single-shot Output Mode (without Correction Function) 10-224
10.9.12 Operation in TOM Single-shot PWM Output Mode (without Correction Function) .... 10-226
10.9.13 Operation in TOM Continuous Output Mode (Without Correction Function) ... 10-228
10.9.14 Example Application for Using the 32170 in Motor Control ............... 10-230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com