Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 48Page - Renesas Technology Corp 32170 Datasheet HTML 49Page - Renesas Technology Corp 32170 Datasheet HTML 50Page - Renesas Technology Corp 32170 Datasheet HTML 51Page - Renesas Technology Corp 32170 Datasheet HTML 52Page - Renesas Technology Corp 32170 Datasheet HTML 53Page - Renesas Technology Corp 32170 Datasheet HTML 54Page - Renesas Technology Corp 32170 Datasheet HTML 55Page - Renesas Technology Corp 32170 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 881 page
background image
2
2-5
32170/32174 Group User's Manual (Rev. 2.1)
CPU
2.3 Control Registers
2.3.2 Condition Bit Register: CBR (CR1)
The Condition Bit Register (CBR) is created as a separate register from the PSW by extracting the
Condition bit (C) from it. The value written to the PSW C bit is reflected in this register. This register
is a read-only register (writes to this register by "MVTC" instruction are ignored).
2.3.3 Interrupt Stack Pointer: SPI (CR2)
User Stack Pointer: SPU (CR3)
The Interrupt Stack Pointer (SPI) and User Stack Pointer (SPU) hold the current address of the
stack pointer. These registers can be accessed as general-purpose register R15. In this case,
whether R15 is used as SPI or as SPU depends on the PSW's Stack Mode (SM) bit.
2.3.4 Backup PC: BPC (CR6)
The Backup PC (BPC) is a register used to save the value of the Program Counter (PC) when an
EIT occurs. Bit 31 is fixed to 0.
When an EIT occurs, the value held in the PC immediately before the EIT occurred or the value of
the next instruction is set in this register. When the "RTE" instruction is executed, the saved value
is returned from the BPC to the PC. However, the two low-order bits of the PC when thus returned
are always fixed to "00" (control always returns to word boundaries.)
SPI
SPI
SPU
SPU
0(MSB)
0(MSB)
31(LSB)
31(LSB)
CBR
0(MSB)
31(LSB)
00 00 0 0 0 0 0 0 0 0 0 0 0 0 0 000 0 0 0 0 00 00 0 0 0 C
BPC
BPC
0
31(LSB)
0(MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com