Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 74Page - Renesas Technology Corp 32170 Datasheet HTML 75Page - Renesas Technology Corp 32170 Datasheet HTML 76Page - Renesas Technology Corp 32170 Datasheet HTML 77Page - Renesas Technology Corp 32170 Datasheet HTML 78Page - Renesas Technology Corp 32170 Datasheet HTML 79Page - Renesas Technology Corp 32170 Datasheet HTML 80Page - Renesas Technology Corp 32170 Datasheet HTML 81Page - Renesas Technology Corp 32170 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 881 page
background image
3
3-17
32170/32174 Group User's Manual (Rev. 2.1)
ADDRESS SPACE
3.4 Internal ROM/SFR Area
Figure 3.4.8 Register Mapping of the SFR Area (4)
TOP5 Correction Register (TOP5CC)
+0 Address
+1 Address
D0
D7 D8
D15
H’0080 029E
H’0080 02A0
H’0080 02A2
H’0080 02A4
H’0080 02A6
TOP6 Counter (TOP6CT)
TOP6 Reload Register (TOP6RL)
TOP6 Correction Register (TOP6CC)
H’0080 02B0
H’0080 02B2
H’0080 02B4
TOP7 Counter (TOP7CT)
TOP7 Reload Register (TOP7RL)
TOP7 Correction Register (TOP7CC)
H’0080 02C0
H’0080 02C2
H’0080 02C4
H’0080 02C6
TOP8Counter (TOP8CT)
TOP8 Reload Register (TOP8RL)
TOP8 Correction Register (TOP8CC)
H’0080 02B6
H’0080 02A8
H’0080 02AA
TOP6, 7 Control Register (TOP67CR)
Address
H’0080 02D0
H’0080 02D2
H’0080 02D4
H’0080 02D6
TOP9 Counter (TOP9CT)
TOP9 Reload Register (TOP9RL)
TOP9 Correction Register (TOP9CC)
TOP10 Counter (TOP10CT)
TOP10 Reload Register (TOP10RL)
TOP10 Correction Register (TOP10CC)
H’0080 02E0
H’0080 02E2
H’0080 02E4
H’0080 02E6
H’0080 02E8
H’0080 02EA
TOP8-10 Control Register (TOP810CR)
TOP0-10 External Enable Register (TOPEEN)
TOP0-10 Enable Protect Register (TOPPRO)
TOP0-10 Count Enable Register (TOPCEN)
H’0080 02FA
H’0080 02FC
H’0080 02FE
H’0080 0300
TIO0 Counter (TIO0CT)
TIO0 Reload 1 Register (TIO0RL)
TIO0 Reload 0/Measure Register (TIO0RL0)
TIO1 Counter (TIO1CT)
TIO1 Reload 1 Register (TIO1RL)
TIO1 Reload 0/Measure Register (TIO1RL0)
TIO0-3 Control Register 0 (TIO03CR0)
H’0080 0302
H’0080 0304
H’0080 0306
H’0080 0310
H’0080 0312
H’0080 0314
H’0080 0316
H’0080 0318
H’0080 031A
TOP0-5 Control Register 0 (TOP05CR0)
TOP0-5 Control Register 1 (TOP05CR1)
H’0080 0296
H’0080 0298
H’0080 029A
H’0080 029C
Blank addresses are reserved areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com