Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 36Page - Renesas Technology Corp 32170 Datasheet HTML 37Page - Renesas Technology Corp 32170 Datasheet HTML 38Page - Renesas Technology Corp 32170 Datasheet HTML 39Page - Renesas Technology Corp 32170 Datasheet HTML 40Page - Renesas Technology Corp 32170 Datasheet HTML 41Page - Renesas Technology Corp 32170 Datasheet HTML 42Page - Renesas Technology Corp 32170 Datasheet HTML 43Page - Renesas Technology Corp 32170 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 881 page
background image
1
1-17
32170/32174 Group User's Manual (Rev. 2.1)
OVERVIEW
1.3 Pin Function
Table 1.3.1 Description of the 32170 Pin Function (5/6)
Type
Pin Name Signal Name
Input/Output Function
P00 – P07 Input/output
Input/output
Programmable input/output port.
port 0
P10 – P17 Input/output
Input/output
Programmable input/output port.
port 1
P20 – P27 Input/output
Input/output
Programmable input/output port.
port 2
P30 – P37 Input/output
Input/output
Programmable input/output port.
port 3
P41 – P47 Input/output
Input/output
Programmable input/output port.
port 4
P61 – P67 Input/output
Input/output
Programmable input/output port.
port 6
(However, P64 is an input-only port.)
P70 – P77 Input/output
Input/output
Programmable input/output port.
port 7
P82 – P87 Input/output
Input/output
Programmable input/output port.
port 8
P93 – P97 Input/output
Input/output
Programmable input/output port.
port 9
P100
Input/output
Input/output
Programmable input/output port.
– P107
port 10
P110
Input/output
Input/output
Programmable input/output port.
– P117
port 11
P124
Input/output
Input/output
Programmable input/output port.
– P127
port 12
P130
Input/output
Input/output
Programmable input/output port.
– P137
port 13
P140
Input/output
Input/output
Programmable input/output port.
– P147
port 14
P150
Input/output
Input/output
Programmable input/output port.
– P157
port 15
P160
Input/output
Input/output
Programmable input/output port.
– P167
port 16
Input/
output
port
(Note)
Note: Input/output port 5 is reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com