Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 28Page - Renesas Technology Corp 32170 Datasheet HTML 29Page - Renesas Technology Corp 32170 Datasheet HTML 30Page - Renesas Technology Corp 32170 Datasheet HTML 31Page - Renesas Technology Corp 32170 Datasheet HTML 32Page - Renesas Technology Corp 32170 Datasheet HTML 33Page - Renesas Technology Corp 32170 Datasheet HTML 34Page - Renesas Technology Corp 32170 Datasheet HTML 35Page - Renesas Technology Corp 32170 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 881 page
background image
1
1-9
32170/32174 Group User's Manual (Rev. 2.1)
Table 1.2.3 Features of Internal Peripheral I/O
Functional Block
Features
DMA
• 10-channel DMA
• Supports transfer between internal peripheral I/Os and between internal peripheral I/O
and internal RAM.
• Capable of advanced DMA transfer when operating in combination with internal
peripheral I/O
• Capable of cascaded connection between DMA channels (DMA transfer in a channel
is started by completion of transfer in another)
Multijunction
• 64-channel multifunction timer
• Contains output-related timer
× 35 channels, input/output-related timer × 10 channels,
16-bit input-related timer
× 11 channels, and 32-bit input-related timer × 8 channels.
• Capable of flexible timer configuration by mutual connection between each channel.
A-D converter
• 16-channel, 10-bit resolution A-D converter
× 2 units
• Incorporates comparator mode
• Can generate interrupt or start DMA transfer upon completion of A-D conversion.
• Can read out conversion results in 8 or 10 bits.
Serial I/O
• 6-channel serial I/O
• Can be set for clock-synchronized serial I/O or UART.
• Capable of high-speed data transfer at 2 Mbits per second when clock synchronized or
156 Kbits per second during UART.
Real-time debugger
• Can rewrite or monitor the internal RAM independently of the CPU by command input
from an external source.
• Has its exclusive clock-synchronized serial port.
Interrupt controller
• Accepts and manages interrupt requests from internal peripheral I/O.
• Resolves interrupt priority in 8 levels including interrupt-disabled state.
Wait controller
• Controls wait state for access to extended external areas.
• Can insert 1 to 4 wait cycles by setting in software and extend wait period by external
WAIT signal.
Clock PLL
• Multiply-by-4 clock generator circuit
• Maximum 40 MHz of CPU clock (CPU, internal ROM, internal RAM access)
• Maximum 20 MHz of internal peripheral clock (peripheral module access)
• Maximum external input clock frequency=10 MHz
CAN
• Sixteen message slots
JTAG
• Capable of boundary scan
OVERVIEW
1.2 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com