Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 71Page - Renesas Technology Corp 32170 Datasheet HTML 72Page - Renesas Technology Corp 32170 Datasheet HTML 73Page - Renesas Technology Corp 32170 Datasheet HTML 74Page - Renesas Technology Corp 32170 Datasheet HTML 75Page - Renesas Technology Corp 32170 Datasheet HTML 76Page - Renesas Technology Corp 32170 Datasheet HTML 77Page - Renesas Technology Corp 32170 Datasheet HTML 78Page - Renesas Technology Corp 32170 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 881 page
background image
3
3-14
32170/32174 Group User's Manual (Rev. 2.1)
ADDRESS SPACE
3.4 Internal ROM/SFR Area
Figure 3.4.5 Register Mapping of the SFR Area (1)
H’0080 0000
H’0080 0002
H’0080 0004
H’0080 0006
H’0080 006C
H’0080 006E
H’0080 0070
H’0080 0072
H’0080 0074
H’0080 0076
H’0080 0078
H’0080 007A
H’0080 007C
H’0080 007E
H’0080 0080
H’0080 0082
H’0080 0084
H’0080 0086
H’0080 0088
H’0080 008A
H’0080 0090
+0 Address
+1 Address
Interrupt Vector Register (IVECT)
D0
D7
D8
D15
Interrupt Mask Register (IMASK)
SBI Control Register (SBICR)
A-D0 Conversion Interrupt Control Register (IAD0CCR)
SIO0 Transmit Interrupt Control Register (ISIO0TXCR)
SIO0 Receive Interrupt Control Register (ISIO0RXCR)
SIO1 Receive Interrupt Control Register (ISIO1RXCR)
SIO1 Transmit Interrupt Control Register (ISIO1TXCR)
DMA0-4 Interrupt Control Register (IDMA04CR)
MJT Output Interrupt Control Register 0 (IMJTOCR0)
MJT Output Interrupt Control Register 2 (IMJTOCR2)
MJT Output Interrupt Control Register 4 (IMJTOCR4)
MJT Output Interrupt Control Register 6 (IMJTOCR6)
MJT Input Interrupt Control Register 0 (IMJTICR0)
MJT Output Interrupt Control Register 1 (IMJTOCR1)
MJT Output Interrupt Control Register 3 (IMJTOCR3)
MJT Output Interrupt Control Register 5 (IMJTOCR5)
MJT Output Interrupt Control Register 7 (IMJTOCR7)
MJT Input Interrupt Control Register 1 (IMJTICR1)
MJT Input Interrupt Control Register 2 (IMJTICR2)
MJT Input Interrupt Control Register 3 (IMJTICR3)
MJT Input Interrupt Control Register 4 (IMJTICR4)
A-D0 Single Mode Register 0 (AD0SIM0)
A-D0 Single Mode Register 1 (AD0SIM1)
A-D0 Scan Mode Register 0 (AD0SCM0)
A-D0 Scan Mode Register 1 (AD0SCM1)
A-D0 Successive Approximation Register (AD0SAR)
A-D0 Comparate Data Register (AD0CMP)
H’0080 008C
H’0080 0092
H’0080 0094
10-bit A-D0 Data Register 0 (AD0DT0)
10-bit A-D0 Data Register 1 (AD0DT1)
10-bit A-D0 Data Register 2 (AD0DT2)
10-bit A-D0 Data Register 3 (AD0DT3)
10-bit A-D0 Data Register 4 (AD0DT4)
10-bit A-D0 Data Register 5 (AD0DT5)
10-bit A-D0 Data Register 6 (AD0DT6)
10-bit A-D0 Data Register 7 (AD0DT7)
10-bit A-D0 Data Register 8 (AD0DT8)
10-bit A-D0 Data Register 9 (AD0DT9)
10-bit A-D0 Data Register 10 (AD0DT10)
10-bit A-D0 Data Register 11 (AD0DT11)
10-bit A-D0 Data Register 12 (AD0DT12)
10-bit A-D0 Data Register 13 (AD0DT13)
10-bit A-D0 Data Register 14 (AD0DT14)
10-bit A-D0 Data Register 15 (AD0DT15)
H’0080 0096
H’0080 0098
H’0080 009A
H’0080 009C
H’0080 009E
H’0080 00A0
H’0080 00A2
H’0080 00A4
H’0080 00A6
H’0080 00A8
H’0080 00AA
H’0080 00AC
H’0080 00AE
H’0080 00D0
Address
H’0080 0066
H’0080 0068
H’0080 006A
RTD Interrupt Control Register (IRTDCR)
SIO2,3 Transmit/Receive Interrupt Control Register (ISO23CR)
DMA5-9 Interrupt Control Register (IDMA59CR)
TOD0 Output Interrupt Control Register (ITOD0CR)
TID0 Output Interrupt Control Register (ITID0CR)
8-bit A-D0 Data Register 0 (AD08DT0)
H’0080 0064
H’0080 0062
H’0080 0060
CAN0 Transmit/Receive & Error Interrupt Control Register (ICAN0CR)
TID2 Output Interrupt Control Register (ITID2CR)
TML1 Input Interrupt Control Register (ITML1CR)
A-D1 Conversion Interrupt Control Register (IAD1CCR)
SIO4,5 Transmit/Receive Interrupt Control Register (ISIO45CR)
TOD1-TOM0 Output Interrupt Control Register (ITOM0CR)
TID1 Output Interrupt Control Register (ITID1CR)
Blank addresses are reserved areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com