Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 40Page - Renesas Technology Corp 32170 Datasheet HTML 41Page - Renesas Technology Corp 32170 Datasheet HTML 42Page - Renesas Technology Corp 32170 Datasheet HTML 43Page - Renesas Technology Corp 32170 Datasheet HTML 44Page - Renesas Technology Corp 32170 Datasheet HTML 45Page - Renesas Technology Corp 32170 Datasheet HTML 46Page - Renesas Technology Corp 32170 Datasheet HTML 47Page - Renesas Technology Corp 32170 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 881 page
background image
1
1-21
32170/32174 Group User's Manual (Rev. 2.1)
OVERVIEW
1.4 Pin Layout
Table 1.4.1 Pin Assignments of the 240QFP (2/2)
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
161
P112 / TO2
181
JTMS
201
P134 / TIN20
221
P156 / TIN6
162
P113 / TO3
182
JTCK
202
P135 / TIN21
222
P157 / TIN7
163
P114 / TO4
183
JTRST
203
P136 / TIN22
223
___
___
P41 / BLW / BLE
164
P115 / TO5
184
JTDO
204
P137 / TIN23
224
___
___
P42 / BHW / BHE
165
P116 / TO6
185
JTDI
205
VCCE
225
VCCI
166
P117 / TO7
186
P103 / TO11
206
VSS
226
VSS
167
P100 / TO8
187
P104 / TO12
207
P140 / TIN8
227
VREF1
168
P101 / TO9
188
P105 / TO13
208
P141 / TIN9
228
AVCC1
169
P102 / TO10
189
P106 / TO14
209
P142 / TIN10
229
AD1IN0
170
VDD
190
P107 / TO15
210
P143 / TIN11
230
AD1IN1
171
VCCI
191
P124 / TCLK0
211
P144 / TIN12
231
AD1IN2
172
VSS
192
P125 / TCLK1
212
P145 / TIN13
232
AD1IN3
173
P210 / TO37
193
P126 / TCLK2
213
P146 / TIN14
233
AD1IN4
174
P211 / TO38
194
P127 / TCLK3
214
P147 / TIN15
234
AD1IN5
175
P212 / TO39
195
VCCI
215
P150 / TIN0
235
AD1IN6
176
P213 / TO40
196
VSS
216
P151 / TIN1
236
AD1IN7
177
P214 / TO41
197
P130 / TIN16
217
P152 / TIN2
237
AD1IN8
178
P215 / TO42
198
P131 / TIN17
218
P153 / TIN3
238
AD1IN9
179
P216 / TO43
199
P132 / TIN18
219
P154 / TIN4
239
AD1IN10
180
P217 / TO44
200
P133 / TIN19
220
P155 / TIN5
240
AD1IN11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com