Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 68Page - Renesas Technology Corp 32170 Datasheet HTML 69Page - Renesas Technology Corp 32170 Datasheet HTML 70Page - Renesas Technology Corp 32170 Datasheet HTML 71Page - Renesas Technology Corp 32170 Datasheet HTML 72Page - Renesas Technology Corp 32170 Datasheet HTML 73Page - Renesas Technology Corp 32170 Datasheet HTML 74Page - Renesas Technology Corp 32170 Datasheet HTML 75Page - Renesas Technology Corp 32170 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 881 page
background image
3
3-11
32170/32174 Group User's Manual (Rev. 2.1)
3.4 Internal RAM Area and SFR Area
The 8 Mbyte area at addresses H'0080 0000 to H'00FF FFFF in the user space accommodates the
internal RAM area and Special Function Register (SFR) area. Of this, a 128 Kbytes of address
space from H'0080 0000 to H'0081 FFFF is the area that the user can actually use. All other areas
here comprise a ghost area in units of 128 Kbytes. (When programming, do not use this ghost area
intentionally.)
3.4.1 Internal RAM Area
The internal RAM is located in the area shown below.
Table 3.4.1 Addresses at Which the Internal ROM is Located
Type Name
Size
Located address
M32170F6
40 Kbytes
H'0080 4000 - H'0080 DFFF
M32174F4
M32174F3
M32170F4
32 Kbytes
H'0080 4000 - H'0080 BFFF
M32170F3
3.4.2 Special Function Register (SFR) Area
Addresses H'0080 0000 to H'0080 3FFFF are the Special Function Register (SFR) area. This area
has registers for internal peripheral I/O located in it.
ADDRESS SPACE
3.4 Internal ROM/SFR Area
Figure 3.4.1 Internal RAM Area and Special Function Register (SFR) Area of the M32170F6
H’0080 0000
H’0080 DFFF
SFR area
(16 Kbytes)
Internal RAM
(40 Kbytes)
H’0080 3FFF
H’0080 4000
Virtual-flash emulation
areas separated in units of
8 Kbytes or 4 Kbytes can
be allocated here. For
details, refer to Section 6.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com