Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 22Page - Renesas Technology Corp 32170 Datasheet HTML 23Page - Renesas Technology Corp 32170 Datasheet HTML 24Page - Renesas Technology Corp 32170 Datasheet HTML 25Page - Renesas Technology Corp 32170 Datasheet HTML 26Page - Renesas Technology Corp 32170 Datasheet HTML 27Page - Renesas Technology Corp 32170 Datasheet HTML 28Page - Renesas Technology Corp 32170 Datasheet HTML 29Page - Renesas Technology Corp 32170 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 881 page
background image
1
1-3
32170/32174 Group User's Manual (Rev. 2.1)
OVERVIEW
1.1 Outline
1.1.2 Built-in Multiply-Accumulate Operation Function
(1) Built-in high-speed multiplier
• The M32R incorporates a 32-bit
× 16-bit high-speed multiplier which enables it to execute a
32-bit
× 32-bit integral multiplication instruction in three cycles (1 cycle = 25 ns when using a 40
MHz internal CPU clock).
(2) Supports Multiply-Accumulate operation instructions comparable to DSP
• The M32R supports the following four modes of Multiply-Accumulate operation instructions (or
multiplication instructions) using a 56-bit accumulator. Any of these operations can be
executed in one cycle.
(a) 16 high-order register bits
× 16 high-order register bits
(b) 16 low-order register bits
× 16 low-order register bits
(c) Entire 32 register bits
× 16 high-order register bits
(d) Entire 32 register bits
× 16 low-order register bits
• The M32R has instructions to round off the value stored in the accumulator to 16 or 32 bits, as
well as instructions to shift the accumulator value to adjust digits and store the digit-adjusted
value in a register. These instructions also can be executed in one cycle, so that when
combined with high-speed data transfer instructions such as Load & Address Update and
Store & Address Update, they enable the M32R to exhibit high data processing capability
comparable to that of DSP.
1.1.3 Built-in Flash Memory and RAM
• This microcomputer contains flash memory and RAM which can be accessed with no wait
states, allowing you to build a high-speed embedded system.
• The internal flash memory allows for on-board programming (you can write to it while being
mounted on the printed circuit board). Use of flash memory means the chip engineered at the
development phase can be used directly in mass-production, so that you can smoothly
migrate from prototype to mass-production without changing the printed circuit board.
• The internal flash memory can be rewritten 100 times.
• The internal flash memory has a pseudo-flash emulation function, allowing the internal RAM to
be artificially mapped into part of the internal flash memory. This function, when combined with
the internal Real-Time Debugger (RTD), facilitates data tuning on ROM tables.
• The internal RAM can be accessed for read or rewrite from an external device independently
of the M32R by using RTD (real-time debugger). It is communicated with external devices by
RTD's exclusive clock-synchronized serial I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com