Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 24Page - Renesas Technology Corp 32170 Datasheet HTML 25Page - Renesas Technology Corp 32170 Datasheet HTML 26Page - Renesas Technology Corp 32170 Datasheet HTML 27Page - Renesas Technology Corp 32170 Datasheet HTML 28Page - Renesas Technology Corp 32170 Datasheet HTML 29Page - Renesas Technology Corp 32170 Datasheet HTML 30Page - Renesas Technology Corp 32170 Datasheet HTML 31Page - Renesas Technology Corp 32170 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 881 page
background image
1
1-5
32170/32174 Group User's Manual (Rev. 2.1)
OVERVIEW
1.1 Outline
(4) High-speed serial I/O
• This microcomputer incorporates 6 channels of serial I/O, which can be set for clock-
synchronized serial I/O or UART.
• When set for clock-synchronized serial I/O, the data transfer rate is a high 2 Mbits per second.
• When data reception is completed or the transmit buffer becomes empty, the serial I/O can
generate a DMA transfer request signal.
(5) Built-in Real-Time Debugger (RTD)
• The Real-Time Debugger (RTD) provides a function for the M32R/ECU's internal RAM to be
accessed directly from an external device. The debugger communicates with external devices
through its exclusive clock-synchronized serial I/O.
• By using the RTD, you can read the contents of the internal RAM or rewrite its data from an
external device independently of the M32R.
• The debugger can generate an RTD interrupt to notify that RTD-based data transmission or
reception is completed.
(6) Eight-level interrupt controller
• The interrupt controller manages interrupt requests from each internal peripheral I/O by
resolving interrupt priority in eight levels including an interrupt-disabled state. Also, it can
accept external interrupt requests due to power-down detection or generated by a watchdog
timer as a System Break Interrupt (SBI).
(7) Three operation modes
• The M32R/ECU has three operation modes-single-chip mode, extended external mode, and
processor mode. The address space and external pin functions of the M32R/ECU are
switched over according to a mode in which it operates. The MOD0 and MOD1 pins are used
to set a mode.
(8) Wait controller
• The wait controller supports access to external devices by the M32R. In all but single-chip
mode, the extended external area provides 4 Mbytes of space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com