Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 83Page - Renesas Technology Corp 32170 Datasheet HTML 84Page - Renesas Technology Corp 32170 Datasheet HTML 85Page - Renesas Technology Corp 32170 Datasheet HTML 86Page - Renesas Technology Corp 32170 Datasheet HTML 87Page - Renesas Technology Corp 32170 Datasheet HTML 88Page - Renesas Technology Corp 32170 Datasheet HTML 89Page - Renesas Technology Corp 32170 Datasheet HTML 90Page - Renesas Technology Corp 32170 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 881 page
background image
3
3-26
32170/32174 Group User's Manual (Rev. 2.1)
ADDRESS SPACE
3.4 Internal ROM/SFR Area
Figure 3.4.17 Register Mapping of the SFR Area (13)
D0
D7 D8
D15
H’0080 1034
H’0080 1032
H’0080 1038
H’0080 1036
H’0080 103C
H’0080 103A
H’0080 1054
H’0080 1058
H’0080 1056
H’0080 1052
H’0080 105A
CAN0 Configuration Register (CAN0CONF)
CAN0 Global Mask Register Standard ID0 (C0GMSKS0)
CAN0 Local Mask Register A Standard ID0 (C0LMSKAS0)
H’0080 1000
H’0080 1002
H’0080 1004
H’0080 1008
H’0080 100A
H’0080 1010
H’0080 100E
H’0080 1006
H’0080 1028
H’0080 102C
H’0080 1030
H’0080 102E
H’0080 102A
H’0080 105C
H’0080 100C
H’0080 1050
CAN0 Control Register (CAN0CNT)
CAN0 extended ID Register (CAN0EXTID)
CAN0 Time Stamp Count Register (CAN0TSTMP)
CAN0 Slot Interrupt Status Register (CAN0SLIST)
CAN0 Message Slot 3 Control Register (C0MSL3CNT)
CAN0 Message Slot 2 Control Register (C0MSL2CNT)
CAN0 Message Slot 4 Control Register (C0MSL4CNT)
CAN0 Status Register (CAN0STAT)
CAN0 Receive Error Count Register (CAN0REC)
CAN0 Transmit Error Count Register (CAN0TEC)
CAN0 Message Slot 0 Control Register (C0MSL0CNT)
CAN0 Message Slot 1 Control Register (C0MSL1CNT)
CAN0 Message Slot 5 Control Register (C0MSL5CNT)
CAN0 Message Slot 7 Control Register (C0MSL7CNT)
CAN0 Message Slot 9 Control Register (C0MSL9CNT)
CAN0 Message Slot 11 Control Register (C0MSL11CNT)
CAN0 Message Slot 13 Control Register (C0MSL13CNT)
CAN0 Message Slot 15 Control Register (C0MSL15CNT)
CAN0 Message Slot 6 Control Register (C0MSL6CNT)
CAN0 Message Slot 8 Control Register (C0MSL8CNT)
CAN0 Message Slot 10 Control Register (C0MSL10CNT)
CAN0 Message Slot 12 Control Register (C0MSL12CNT)
CAN0 Message Slot 14 Control Register (C0MSL14CNT)
H’0080 1012
CAN0 Error Interrupt Status Register (CAN0ERIST)
CAN0 Error Interrupt Mask Register (CAN0ERIMK)
H’0080 1014
H’0080 1016
CAN0 Baud Rate Prescaler (CAN0BRP)
H’0080 105E
CAN0 Global Mask Register Standard ID1 (C0GMSKS1)
CAN0 Global Mask Register Extended ID0 (C0GMSKE0)
CAN0 Global Mask Register Extended ID1 (C0GMSKE1)
CAN0 Global Mask Register Extended ID2 (C0GMSKE2)
CAN0 Local Mask Register A Standard ID1 (C0LMSKAS1)
CAN0 Local Mask Register A Extended ID0 (C0LMSKAE0)
CAN0 Local Mask Register A Extended ID1 (C0LMSKAE1)
CAN0 Local Mask Register A Extended ID2 (C0LMSKAE2)
CAN0 Local Mask Register B Standard ID0 (C0LMSKBS0)
CAN0 Local Mask Register B Standard ID0 (C0LMSKBS1)
CAN0 Local Mask Register B Extended ID0 (C0LMSKBE0)
CAN0 Local Mask Register B Extended ID0 (C0LMSKBE1)
CAN0 Local Mask Register B Extended ID0 (C0LMSKBE0)
Blank addresses are reserved areas.
+0 Address
+1 Address
Address
CAN0 Slot Interrupt Mask Register (CAN0SLIMK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com