Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 37Page - Renesas Technology Corp 32170 Datasheet HTML 38Page - Renesas Technology Corp 32170 Datasheet HTML 39Page - Renesas Technology Corp 32170 Datasheet HTML 40Page - Renesas Technology Corp 32170 Datasheet HTML 41Page - Renesas Technology Corp 32170 Datasheet HTML 42Page - Renesas Technology Corp 32170 Datasheet HTML 43Page - Renesas Technology Corp 32170 Datasheet HTML 44Page - Renesas Technology Corp 32170 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 881 page
background image
1
1-18
32170/32174 Group User's Manual (Rev. 2.1)
P172
Input/output
Input/output
Programmable input/output port.
– P177
port 17
P180
Input/output
Input/output
Programmable input/output port.
– P187
port 18
P190
Input/output
Input/output
Programmable input/output port.
– P197
port 19
P200
Input/output
Input/output
Programmable input/output port.
– P203
port 20
P210
Input/output
Input/output
Programmable input/output port.
– P217
port 21
P220
Input/output
Input/output
Programmable input/output port. (Note)
– P225
port 22
(However, P221 is an input only port.)
Note: Use caution when using P224 and P225 because they have a debug event function.
Table 1.3.2 Description of the Debug-only Pin Function of 255FBGA
Type
Pin Name Signal Name
Input/Output Function
DEBOG
JDBI
Debug interrupt Input
Debug interrupt request input pin. A low on this input
request
requests a debug interrupt.
JEVENT0, Event output
Output
Output synchronously with TRCLK. When an event occurs,
JEVENT1
this output is driven high for a 1 TRCLK period.
TRCLK
Trace clock
Output
Clock output pin for trace operation. Trace data is output
output
synchronously with this clock.
TRSYNC
Trace packet
Output
This is a trace packet output start signal. When the device
output start signal
starts outputting a trace packet, this signal is driven high for
a 1 TRCLK period.
TRDATA0
Trace packet
Output
Trace packet output pin.
- TRDATA7 output
Note: 255FBGA is currently under development.
Table 1.3.1 Description of the 32170 Pin Function (6/6)
Type
Pin Name Signal Name
Input/Output Function
Input/
output
port
OVERVIEW
1.3 Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com