Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 39Page - Renesas Technology Corp 32170 Datasheet HTML 40Page - Renesas Technology Corp 32170 Datasheet HTML 41Page - Renesas Technology Corp 32170 Datasheet HTML 42Page - Renesas Technology Corp 32170 Datasheet HTML 43Page - Renesas Technology Corp 32170 Datasheet HTML 44Page - Renesas Technology Corp 32170 Datasheet HTML 45Page - Renesas Technology Corp 32170 Datasheet HTML 46Page - Renesas Technology Corp 32170 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 881 page
background image
1
1-20
32170/32174 Group User's Manual (Rev. 2.1)
OVERVIEW
1.4 Pin Layout
Table 1.4.1 Pin Assignments of the 240QFP (1/2)
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
1
AD1IN12
41
P26 / A29
81
VSS
121
P87 / SCLKI1 / SCLKO1
2
AD1IN13
42
P27 / A30
82
P180 / TO29
122
P200 / TXD4
3
AD1IN14
43
P00 / DB0
83
P181 / TO30
123
P201 / RXD4
4
AD1IN15
44
P01 / DB1
84
P182 / TO31
124
P202 / TXD5
5
AVSS1
45
P02 / DB2
85
P183 / TO32
125
P203 / RXD5
6
__
P43 / RD
46
P03 / DB3
86
P184 / TO33
126
VCCI
7
___
P44 / CS0
47
P04 / DB4
87
P185 / TO34
127
VSS
8
___
P45 / CS1
48
P05 / DB5
88
P186 / TO35
128
FVCC
9
P46 / A13
49
P06 / DB6
89
P187 / TO36
129
VSS
10
P47 / A14
50
P07 / DB7
90
P190 / TIN26
130
P61
11
P220 / CTX
51
VCCE
91
P191 / TIN27
131
P62
12
P221 / CRX
52
VSS
92
P192 / TIN28
132
P63
13
P222
53
P10 / DB8
93
P193 / TIN29
133
___
P64 / SBI
14
P223
54
P11 / DB9
94
P194 / TIN30
134
P65 / SCLKI4 / SCLKO4
15
P224 / A11
55
P12 / DB10
95
P195 / TIN31
135
P66 / SCLKI5 / SCLKO5
16
P225 / A12
56
P13 / DB11
96
P196 / TIN32
136
_____
P67 / ADTRG
17
VSS
57
P14 / DB12
97
P197 / TIN33
137
VCCI
18
OSC-VSS
58
P15 / DB13
98
VCCI
138
VSS
19
XIN
59
P16 / DB14
99
VSS
139
VCCE
20
XOUT
60
P17 / DB15
100
P160 / TO21
140
___
P70 / BCLK / WR
21
OSC-VCC
61
VREF0
101
P161 / TO22
141
____
P71 / WAIT
22
VSS
62
AVCC0
102
P162 / TO23
142
____
P72 / HREQ
23
VCNT
63
AD0IN0
103
P163 / TO24
143
____
P73 / HACK
24
VSS
64
AD0IN1
104
P164 / TO25
144
P74 / RTDTXD
25
P30 / A15
65
AD0IN2
105
P165 / TO26
145
P75 / RTDRXD
26
P31 / A16
66
AD0IN3
106
P166 / TO27
146
P76 / RTDACK
27
P32 / A17
67
AD0IN4
107
P167 / TO28
147
P77 / RTDCLK
28
P33 / A18
68
AD0IN5
108
P172 / TIN24
148
P93 / TO16
29
P34 / A19
69
AD0IN6
109
P173 / TIN25
149
P94 / TO17
30
P35 / A20
70
AD0IN7
110
P174 / TXD2
150
P95 / TO18
31
P36 / A21
71
AD0IN8
111
P175 / RXD2
151
P96 / TO19
32
P37 / A22
72
AD0IN9
112
P176 / TXD3
152
P97 / TO20
33
P20 / A23
73
AD0IN10
113
P177 / RXD3
153
_____
RESET
34
P21 / A24
74
AD0IN11
114
VCCE
154
MOD0
35
P22 / A25
75
AD0IN12
115
VSS
155
MOD1
36
P23 / A26
76
AD0IN13
116
P82 / TXD0
156
FP
37
VCCE
77
AD0IN14
117
P83 / RXD0
157
VCCE
38
VSS
78
AD0IN15
118
P84 / SCLKI0 / SCLKO0
158
VSS
39
P24 / A27
79
AVSS0
119
P85 / TXD1
159
P110 / TO0
40
P25 / A28
80
VCCE
120
P86 / RXD1
160
P111 / TO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com