Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 27Page - Renesas Technology Corp 32170 Datasheet HTML 28Page - Renesas Technology Corp 32170 Datasheet HTML 29Page - Renesas Technology Corp 32170 Datasheet HTML 30Page - Renesas Technology Corp 32170 Datasheet HTML 31Page - Renesas Technology Corp 32170 Datasheet HTML 32Page - Renesas Technology Corp 32170 Datasheet HTML 33Page - Renesas Technology Corp 32170 Datasheet HTML 34Page - Renesas Technology Corp 32170 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 881 page
background image
1
1-8
32170/32174 Group User's Manual (Rev. 2.1)
OVERVIEW
1.2 Block Diagram
Table 1.2.1 Features of the M32R Family CPU Core
Functional Block
Features
M32R family
• Bus specifications
CPU core
Basic bus cycle: 25 ns (when operating with 40 MHz CPU clock)
Logical address space: 4Gbytes, linear
Extended external area: Maximum 4 Mbytes
External data bus: 16 bits
• Implementation: Five-stage pipeline
• Internal 32-bit architecture for the core
• Register configuration
General-purpose register: 32 bits
× 16 registers
Control register: 32 bits
× 5 registers
• Instruction set
16-bit and 32-bit instruction formats
83 distinct instructions and 6 addressing modes
• Built-in multiplier/accumulator (32
× 16 + 56)
Table 1.2.2 Features of Internal Memory
Functional Block
Features
RAM
• Capacity
M32170F6, M32174F4, M32174F3 : 40 Kbytes
M32170F4, M32170F3 : 32 Kbytes
• No-wait access (when operating with 40 MHz CPU clock)
• By using RTD (real-time debugger), the internal RAM can be accessed for read or
rewrite from external devices independently of the M32R.
Flash memory
• Capacity
M32170F6 : 768 Kbytes
M32170F4, M32174F4 : 512 Kbytes
M32170F3, M32174F3 : 384 Kbytes
• No-wait access (when operating with 40 MHz CPU clock)
• Durability: Can be rewritten 100 times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com