Electronic Components Datasheet Search
  English  ▼

X  

32174 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 32174
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32174 Datasheet(HTML) 4 Page - Renesas Technology Corp

  32174 Datasheet HTML 1Page - Renesas Technology Corp 32174 Datasheet HTML 2Page - Renesas Technology Corp 32174 Datasheet HTML 3Page - Renesas Technology Corp 32174 Datasheet HTML 4Page - Renesas Technology Corp 32174 Datasheet HTML 5Page - Renesas Technology Corp 32174 Datasheet HTML 6Page - Renesas Technology Corp 32174 Datasheet HTML 7Page - Renesas Technology Corp 32174 Datasheet HTML 8Page - Renesas Technology Corp 32174 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 881 page
background image
How to read internal I/O register tables
➀ Bit Numbers: Each register is connected with an internal bus of 16-bit
wide, so the bit numbers of the registers located at even
addresses are D0-D7, and those at odd addresses are
D8-D15.
➁ State of Register at Reset: Represents the initial state of each register
immediately after reset with hexadecimal numbers
(undefined bits after reset are indicated each in column ➂.)
➂ At read:
... read enabled
? ... read disabled (read value invalid)
0 ... Read always as 0
1 ... Read always as 1
{ At write:
: Write enabled
∆ : Write enable conditionally
(include some conditions at write)
-
: Write disabled (Written value invalid)
Abit
12
34
D0
D
Bit name
Function
W
R
<at reset: H'04>
0
Not assigned.
0
1
Abit
(...................)
0: -----
1: -----
3
2
Not implemented
in the shaded portion.
<Example of representation>
Bbit
Cbit
Bbit
(...................)
Cbit
(...................)
0: -----
1: -----
0: -----
1: -----
Registers represented with thick rectangles
are accessible only with halfwords or words
(not accessible with bytes).
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com