Electronic Components Datasheet Search
  English  ▼

X  

32174 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 32174
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32174 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 32174 Datasheet HTML 18Page - Renesas Technology Corp 32174 Datasheet HTML 19Page - Renesas Technology Corp 32174 Datasheet HTML 20Page - Renesas Technology Corp 32174 Datasheet HTML 21Page - Renesas Technology Corp 32174 Datasheet HTML 22Page - Renesas Technology Corp 32174 Datasheet HTML 23Page - Renesas Technology Corp 32174 Datasheet HTML 24Page - Renesas Technology Corp 32174 Datasheet HTML 25Page - Renesas Technology Corp 32174 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 881 page
background image
(14)
20.1 Configuration of the Power Supply Circuit ................................................ 20-2
20.2 Power-On Sequence ..................................................................................... 20-4
20.2.1 Power-On Sequence When Not Using RAM Backup ............................. 20-4
20.2.2 Power-On Sequence When Using RAM Backup .................................... 20-6
20.3 Power-Shutdown Sequence ......................................................................... 20-8
20.3.1 Power-Shutdown Sequence When Not Using RAM Backup .................. 20-8
20.3.2 Power-Shutdown Sequence When Using RAM Backup ....................... 20-10
CHAPTER 21 ELECTRICAL CHARACTERISTICS
21.1
Electrical Characteristics (VCCE=5V) ................................................... 21-2
21.1.1 Absolute Maximum Ratings .................................................................... 21-2
21.1.2 Recommended Operating Conditions ..................................................... 21-3
21.1.3 DC Characteristics .................................................................................. 21-5
21.1.3.1 Electrical Characteristics ................................................................ 21-5
21.1.3.2 Flash Related Electrical Characteristics ....................................... 21-10
21.1.4 A-D Conversion Characteristics ............................................................ 21-11
21.2
Electrical Characteristics (VCCE=3.3V) .............................................. 21-12
21.2.1 Absolute Maximum Ratings .................................................................. 21-12
21.2.2 Recommended Operating Conditions ................................................... 21-13
21.2.3 DC Characteristics ................................................................................ 21-15
21.2.3.1 Electrical Characteristics .............................................................. 21-15
21.2.3.2 Flash Related Electrical Characteristics ....................................... 21-18
21.2.4 A-D Conversion Characteristics ............................................................ 21-19
21.3 AC Characteristics ...................................................................................... 21-20
21.3.1 Timing Requirements ............................................................................ 21-20
21.3.2 Switching Characteristics ...................................................................... 21-24
21.3.3 AC Characteristics ................................................................................ 21-27
CHAPTER 22 TYPICAL CHARACTERISTICS
22.1 A-D Conversion Characteristics .................................................................. 22-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com