| Electronic Components Datasheet Search |
|
32174 Datasheet(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32174 Datasheet(HTML) 12 Page - Renesas Technology Corp |
|
12 / 881 page ![]() (4) 6.4.1 Flash Mode Register ................................................................................... 6-5 6.4.2 Flash Status Registers ................................................................................ 6-6 6.4.3 Flash Control Registers .............................................................................. 6-9 6.4.4 Virtual Flash L Bank Registers ................................................................. 6-15 6.4.5 Virtual Flash S Bank Registers ................................................................. 6-16 6.5 Programming of the Internal Flash Memory ................................................. 6-17 6.5.1 Outline of Programming Flash Memory .................................................... 6-17 6.5.2 Controlling Operation Mode during Programming Flash .......................... 6-23 6.5.3 Programming Procedure to the Internal Flash Memory ............................ 6-26 6.5.4 Flash Write Time (for Reference) ............................................................. 6-41 6.6 Boot ROM ........................................................................................................ 6-43 6.7 Virtual Flash Emulation Function .................................................................. 6-44 6.7.1 Virtual Flash Emulation Area .................................................................... 6-46 6.7.2 Entering Virtual Flash Emulation Mode .................................................... 6-55 6.7.3 Application Example of Virtual Flash Emulation Mode ............................. 6-56 6.8 Connecting to A Serial Programmer ............................................................. 6-58 6.9 Precautions to Be Taken When Rewriting Flash Memory ........................... 6-60 CHAPTER 7 RESET 7.1 Outline of Reset ................................................................................................ 7-2 7.2 Reset Operation ................................................................................................ 7-2 7.2.1 Reset at Power-on ...................................................................................... 7-2 7.2.2 Reset during Operation ............................................................................... 7-2 7.2.3 Reset Vector Relocation during Flash Rewrite ........................................... 7-2 7.3 Internal State Immediately after Reset Release ............................................. 7-3 7.4 Things To Be Considered after Reset Release .............................................. 7-5 CHAPTER 8 INPUT/OUTPUT PORTS AND PIN FUNCTIONS 8.1 Outline of Input/Output Ports .......................................................................... 8-2 8.2 Selecting Pin Functions ................................................................................... 8-4 8.3 Input/Output Port Related Registers ............................................................... 8-6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |